Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFN30770 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ASFN30770
Description  Fan Motor Selector Chart
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN30770 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ASFN30770 Datasheet HTML 1Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 2Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 3Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 4Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 5Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 6Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 7Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 8Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
DC FAN MOTOR
Notes: 1. Frames with ribs are standard (except 120 sq.
×38). Casings without ribs can be special ordered.
2. A super speed type (except ASFN3 and ASFN4 Series), 48 V DC type (only ASFN1
∗B∗∗ Series), and type with sensor can be special ordered.
(For details, please refer the description of the DC fan sensor function on page
14.)
Product Types
Size
Specifications
Rotation speed
Voltage
Part number
30 sq.
×10
Ball bearing type
Standard Standard speed
5V DC
ASFN30770
Middle speed
ASFN32770
Low speed
ASFN34770
Ball bearing type
Standard speed
12V DC
ASFN30771
Middle speed
ASFN32771
Low speed
ASFN34771
40 sq.
×10
Ball bearing type
Standard speed
5V DC
ASFN40770
Middle speed
ASFN42770
Low speed
ASFN44770
Ball bearing type
Standard speed
12V DC
ASFN40771
Middle speed
ASFN42771
Low speed
ASFN44771
60 sq.
×25
Ball bearing type
Standard speed
12V DC
ASFN60371
Middle speed
ASFN62371
Low speed
ASFN64371
Ball bearing type
Standard speed
24V DC
ASFN60372
Middle speed
ASFN62372
Low speed
ASFN64372
80 sq.
×25
Ball bearing type
Standard speed
12V DC
ASFN80371
Middle speed
ASFN82371
Low speed
ASFN84371
Ball bearing type
Standard speed
24V DC
ASFN80372
Middle speed
ASFN82372
Low speed
ASFN84372
92 sq.
×25
Ball bearing type
Standard speed
12V DC
ASFN90371
Middle speed
ASFN92371
Low speed
ASFN94371
Ball bearing type
Standard speed
24V DC
ASFN90372
Middle speed
ASFN92372
Low speed
ASFN94372
120 sq.
×25
Ball bearing type
Standard speed
12V DC
ASFN10371
Middle speed
ASFN12371
Low speed
ASFN14371
Ball bearing type
Standard speed
24V DC
ASFN10372
Middle speed
ASFN12372
Low speed
ASFN14372
120 sq.
×38
Ball bearing type
Standard speed
12V DC
ASFN10B71
Middle speed
ASFN12B71
Low speed
ASFN14B71
Ball bearing type
Standard speed
24V DC
ASFN10B72
Middle speed
ASFN12B72
Low speed
ASFN14B72
02/2006
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com