Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFN30770 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ASFN30770
Description  Fan Motor Selector Chart
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN30770 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ASFN30770 Datasheet HTML 1Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 2Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 3Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 4Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 5Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 6Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 7Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 8Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ACCESSORIES
1. Plug Cord for AC Fan Motor
2. Fan Guard for DC and AC Fan Motor
3. Filter for DC and AC Fan Motor
Size
Specifications
Rotation speed
Voltage
Part number
60 sq.
×30
Lead wire type
Standard speed
100V AC
ASEN60511
115V AC
ASEN60512
80 sq.
×25
Lead wire type
Standard speed
100V AC
ASEN80211
115V AC
ASEN80212
80 sq.
×38
Lead wire type
Standard speed
100V AC
ASEN80411
115V AC
ASEN80412
200V AC
ASEN80414
230V AC
ASEN80416
2-terminal type
Standard speed
100V AC
ASEN804519
115V AC
ASEN804529
200V AC
ASEN804549
230V AC
ASEN804569
92 sq.
×25
Lead wire type
Standard speed
100V AC
ASEN90211
115V AC
ASEN90212
200V AC
ASEN90214
230V AC
ASEN90216
2-terminal type
Standard speed
100V AC
ASEN902519
115V AC
ASEN902529
200V AC
ASEN902549
230V AC
ASEN902569
120 sq.
×25
Lead wire type
Standard speed
100V AC
ASEN10211
115V AC
ASEN10212
200V AC
ASEN10214
230V AC
ASEN10216
2-terminal type
Standard speed
100V AC
ASEN102519
115V AC
ASEN102529
200V AC
ASEN102549
230V AC
ASEN102569
120 sq.
×38
Lead wire type
Standard speed
100V AC
ASEN10411
115V AC
ASEN10412
200V AC
ASEN10414
230V AC
ASEN10416
2-terminal type
Standard speed
100V AC
ASEN104519
115V AC
ASEN104529
200V AC
ASEN104549
230V AC
ASEN104569
150
×172×38
2-terminal type
Standard speed
100V AC
ASEN50751
115V AC
ASEN50752
200V AC
ASEN50754
230V AC
ASEN50756
Product name
Specifications
Part number
Plug code for 2-terminal type
For inside of appliance, L = 1,000 mm
ASE51100
Compliant with Electrical Appliance and Material Safety Law, L = 1,000 mm
ASE51107
UL Standard, L = 1,000 mm
ASE51109
Product name
Specifications
Part number
40 sq.
Recognized by UL/CSA
ASFN48001
60 sq.
Recognized by UL/CSA
ASF
N68001
80 sq.
Recognized by UL/CSA
ASF
N88001
92 sq.
Recognized by UL/CSA
ASF
N98001
80 sq.
Compliant with Electrical Appliance and Material Safety Law
ASE
N88001
92 sq.
Compliant with Electrical Appliance and Material Safety Law
ASE
N98001
120 sq.
Compliant with Electrical Appliance and Material Safety Law
ASE
N18001
150
×172
Recognized by UL/CSA
ASEN58001
Product name
Part number
60 sq.
ASEN68002
80 sq.
ASEN88002
92 sq.
ASEN98002
120 sq.
ASEN18002
02/2006
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com