Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFN30770 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ASFN30770
Description  Fan Motor Selector Chart
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN30770 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ASFN30770 Datasheet HTML 1Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 2Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 3Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 4Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 5Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 6Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 7Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 8Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DC FAN MOTOR
Fan Motor Selector Chart
ASFN3
∗7∗∗ 30 sq.×10t
ASFN4
∗7∗∗ 40 sq.×10t
Type
Item
Standard speed
Middle speed
Low speed
Standard speed
Middle speed
Low speed
Rated operating voltage
5 V DC
12 V DC
5 V DC
12 V DC
5 V DC
12 V DC
5 V DC
12 V DC
5 V DC
12 V DC
5 V DC
12 V DC
Rated operating current, max. (mA)
240
120
200
100
130
90
210
100
160
100
100
90
Rated power consumption, max. (W)
1.20
1.44
1.00
1.20
0.65
1.08
1.05
1.20
0.80
1.20
0.50
1.08
Rotation speed, average (r/min)
10,500
9,000
7,500
6,500
5,500
4,500
Max. static pressure, average (Pa)
54.0
37.0
29.0
46.0
34.0
24.0
Max. air flow, average (m3/min)
0.110
0.091
0.078
0.17
0.15
0.12
Noise, average (dB(A))
27
23
21
29
25
22
Weight (g)
8.5
15.0
Operating voltage range
For rated 5 V: 4.5 to 5.5 V DC, for rated 12 V: 6 to 13.8 V DC
For rated 5 V: 4.5 to 5.5 V DC, for rated 12 V: 10.2 to 13.8 V DC
Page
7
8
ASFN6
∗3∗∗ 60 sq.×25t
ASFN8
∗3∗∗ 80 sq.×25t
Type
Item
Standard speed
Middle speed
Low speed
Standard speed
Middle speed
Low speed
Rated operating voltage
12 V DC
24 V DC
12 V DC
24 V DC
12 V DC
24 V DC
12 V DC
24 V DC
12 V DC
24 V DC
12 V DC
24 V DC
Rated operating current, max. (mA)
160
100
100
60
70
50
330
180
170
90
100
60
Rated power consumption, max. (W)
1.92
2.40
1.20
1.44
0.84
1.20
3.96
4.32
2.04
2.16
1.20
1.44
Rotation speed, average (r/min)
4,050
3,000
2,550
2,950
2,400
1,900
Max. static pressure, average (Pa)
41.7
23.4
17.2
36.6
24.3
14.2
Max. air flow, average (m3/min)
0.61
0.44
0.37
1.09
0.88
0.68
Noise, average (dB(A))
30.5
22.5
19.0
32.5
27.0
22.0
Weight (g)
65
80
Operating voltage range
For rated 12 V: 6 to 13.8 V DC, for rated 24 V: 15 to 27.6 V DC
For rated 12 V: 6 to 13.8 V DC, for rated 24 V: 10 to 27.6 V DC
Page
9
10
ASFN9
∗3∗∗ 92 sq.×25t
ASFN1
∗3∗∗ 120 sq.×25t
ASFN1
∗B∗∗ 120 sq.×38t
Type
Item
Standard
speed
Middle
speed
Low
speed
Standard
speed
Middle
speed
Low
speed
Standard
speed
Middle
speed
Low
speed
Rated operating voltage
12 V
DC
24 V
DC
12 V
DC
24 V
DC
12 V
DC
24 V
DC
12 V
DC
24 V
DC
12 V
DC
24 V
DC
12 V
DC
24 V
DC
12 V
DC
24 V
DC
12 V
DC
24 V
DC
12 V
DC
24 V
DC
Rated operating current, max. (mA)
250
130
180
90
120
80
520
290
250
130
160
100
720
400
520
280
350
200
Rated power consumption, max. (W)
3.00
3.12
2.16
2.16
1.44
1.92
6.24
6.96
3.00
3.12
1.92
2.40
8.64
9.60
6.24
6.72
4.20
4.80
Rotation speed, average (r/min)
2,350
2,000
1,700
2,500
1,900
1,600
2,950
2,650
2,300
Max. static pressure, average (Pa)
27.6
20.0
14.4
40.9
24.8
17.9
68.1
55.9
44.1
Max. air flow, average (m3/min)
1.38
1.17
0.98
2.85
2.15
1.80
3.07
2.75
2.37
Noise, average (dB(A))
32.0
27.0
22.0
38.5
31.0
27.0
42.5
41.0
37.0
Weight (g)
85
180
260
Operating voltage range
For rated 12 V: 6 to 13.8 V DC,
for rated 24 V: 10 to 27.6 V DC
For rated 12 V: 6 to 13.8 V DC,
for rated 24 V: 10 to 27.6 V DC
For rated 12 V: 6 to 13.8 V DC,
for rated 24 V: 10 to 27.6 V DC
Page
11
12
13
NEW
NEW
NEW
NEW
NEW
NEW
NEW
02/2006
1


Similar Part No. - ASFN30770

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ASF-1708 L-COM-ASF-1708 Datasheet
50Kb / 1P
CON, SMA FEMALE CRIMP LMR195
03/24/2010
logo
ATMEL Corporation
ASF-3.33 ATMEL-ASF-3.33 Datasheet
93Kb / 19P
AVR UC3 A0/A1 (revision H and later)
logo
Infinite Electronics In...
ASF-3700 L-COM-ASF-3700 Datasheet
51Kb / 1P
CONN SMA F BHD RG58, 195 CRIMP NK
03/29/05
ASF-CAP01 L-COM-ASF-CAP01 Datasheet
120Kb / 1P
CON, SMA FEMALE CAP W/CHAIN
5/4/10
logo
LEMO Connectors
ASF.00.650.NTA LEMO-ASF.00.650.NTA Datasheet
67Kb / 3P
00 - NIM-CAMAC
More results

Similar Description - ASFN30770

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8267S PANASONIC-AN8267S Datasheet
53Kb / 5P
Fan Motor Driver
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
Fan Motor Driver
logo
NXP Semiconductors
MC33HB2001EK NXP-MC33HB2001EK Datasheet
284Kb / 2P
Motor Driver Product Selector
2015-2016
logo
ON Semiconductor
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
Fan Motor Driver
May, 2013
LB11852FV ONSEMI-LB11852FV Datasheet
172Kb / 12P
For Fan Motor
September, 2013
logo
Princeton Technology Co...
PT2581 PTC-PT2581 Datasheet
397Kb / 7P
Fan-Motor Controller
logo
List of Unclassifed Man...
KDE0504PKV1 ETC-KDE0504PKV1 Datasheet
145Kb / 3P
MagLev Motor Fan
MF20100V1-1000U-A99 ETC-MF20100V1-1000U-A99 Datasheet
327Kb / 14P
MagLev Motor Fan
11.30.2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com