Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFN30770 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ASFN30770
Description  Fan Motor Selector Chart
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN30770 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ASFN30770 Datasheet HTML 2Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 3Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 4Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 5Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 6Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 7Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 8Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 9Page - Panasonic Semiconductor ASFN30770 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DC Fan Motor
40 sq.
×10t
(ASFN4)
RoHS Directive compatibility information
http://www.nais-e.com/
DIMENSIONS (mm inch)
10
±0.5
.394
±.020
2.3
±0.25
.091
±.010
2.7
±0.25
.106
±.010
4-.138
dia.
4-3.5
dia.
32
±0.2
40
±0.3
1.260
±.008
1.575
±.012
40
±0.3
1.575
±.012
32
±0.2
1.260
±.008
Airflow
200 min.
7.874 min.
RATING
1. Standard speed
2. Middle speed
3. Low speed
Notes: 1. Values above without designations are averages.
2. Noise levels are based on measurements taken at a distance of 1 m from the front of the fan.
Part number
Rated voltage
(V)
Input power (W)
Max./Av.
Rated current (mA)
Max./Av.
Rotation speed
(r/min)
Max. air flow
(m3/min)
Max. static pressure
(Pa)
Noise
(dB(A))
Weight
(g)
ASFN40770
5
1.05/0.775
210/155
6,500
0.17
46.0
29
15.0
ASFN40771
12
1.20/0.876
100/73
Part number
Rated voltage
(V)
Input power (W)
Max./Av.
Rated current (mA)
Max./Av.
Rotation speed
(r/min)
Max. air flow
(m3/min)
Max. static pressure
(Pa)
Noise
(dB(A))
Weight
(g)
ASFN42770
5
0.80/0.60
160/120
5,500
0.15
34.0
25
15.0
ASFN42771
12
1.20/0.876
100/73
Part number
Rated voltage
(V)
Input power (W)
Max./Av.
Rated current (mA)
Max./Av.
Rotation speed
(r/min)
Max. air flow
(m3/min)
Max. static pressure
(Pa)
Noise
(dB(A))
Weight
(g)
ASFN44770
5
0.50/0.375
100/75
4,500
0.12
24.0
22
15.0
ASFN44771
12
1.08/0.744
90/62
NEW
DATA (Airflow - Static pressure
Characteristic Curve)
50
40
30
20
10
0
0
0.05
0.1
0.15
0.2
0.25
Standard
Middle
Low
Airflow (m3/min)
MATERIALS USED
Frame: plastic
Propeller: plastic
Bearings: ball bearings
Lead wires: UL1061 and AWG26
WIRING DIAGRAM
Red
Black
5V DC
12V DC
Fan motor
SPECIFICATIONS
Ambient temperature
–10
°C to +60°C +14°F to +140°F
Ambient humidity
15 to 85% RH
Temperature rise
Coil surface: Max. 50
°C 122°F (Nominal voltage, by resistive method)
External surface: Max. 20
°C 68°F (Nominal voltage, by thermocouple method)
Breakdown voltage
500 V AC for 1 min. (between lead wire and external housing)
Insulation resistance
Min. 10 M
Ω (at 500 V DC)
Vibration
resistance
Frequency
10 to 55Hz
Double amplitude width
0.75mm
Applied direction
X, Y and Z directions
Applied time
10 min. in each direction
Lead wire tensile strength
9.8 N, single wires did not break at 15 seconds
Fan blockage
No coil burnout even after blockage of 72 hrs. at nominal voltage.
Reverse polarity power connection
No damage even after reverse polarity connection for short time at nominal voltage.
Expected life
90% survival rate at 60,000 hrs. (When rotation frequency drops 30% of initial value
when run at nominal voltage under 25
°C 77°F, room humidity.)
02/2006
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com