Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YXG Datasheet(PDF) 4 Page - RUBYCON CORPORATION

Part # YXG
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

YXG Datasheet(HTML) 4 Page - RUBYCON CORPORATION

  YXG Datasheet HTML 1Page - RUBYCON CORPORATION YXG Datasheet HTML 2Page - RUBYCON CORPORATION YXG Datasheet HTML 3Page - RUBYCON CORPORATION YXG Datasheet HTML 4Page - RUBYCON CORPORATION YXG Datasheet HTML 5Page - RUBYCON CORPORATION YXG Datasheet HTML 6Page - RUBYCON CORPORATION YXG Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Rated voltage 25V(1E)
47
210
0.58
2.3
100
340
0.22
0.87
220
640
0.13
0.52
330
840
0.087
0.35
470
1050
0.069
0.27
470
1210
0.060
0.24
680
1400
0.046
0.18
680
1650
0.042
0.17
1000
820
1000
1910
0.031
0.12
1500
1450
0.049
0.16
1800
1900
0.035
0.12
2230
0.027
0.089
2200
2650
0.024
0.078
2700
2880
0.020
0.065
1000
3350
0.017
0.056
1800
1940
0.042
0.12
2700
2530
0.027
0.078
3300
2930
0.021
0.060
3900
3450
0.017
0.050
4700
3610
0.015
0.044
1200
4080
0.013
0.038
2200
2210
0.043
0.11
3300
2860
0.026
0.067
4700
3140
0.019
0.049
5600
4220
0.014
0.038
4280
0.012
0.032
5×11
6.3×11
8×16
8×20
8×11.5
10×28
10×23
10×20
10×16
330
865
0.080
0.32
10×12.5
16×25
16×31.5
16×35.5
16×40
18×16
18×20
18×25
3900
4170
0.015
0.040
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
16×16
16×20
20℃, 100kHz
−10℃, 100kHz
Rated voltage 35V(1V)
33
210
0.58
2.3
56
340
0.22
0.87
150
640
0.13
0.52
220
840
0.087
0.35
270
1050
0.069
0.27
330
1210
0.060
0.24
470
1400
0.046
0.18
560
1650
0.042
0.17
680
1910
0.031
0.12
470
1450
0.049
0.16
680
1900
0.035
0.12
1000
2230
0.027
0.089
1200
2650
0.024
0.078
1500
2880
0.020
0.065
1800
3350
0.017
0.056
680
1940
0.042
0.12
1200
2530
0.027
0.078
1800
2930
0.021
0.060
2200
3450
0.017
0.050
2700
3610
0.015
0.044
3300
4080
0.013
0.038
1000
2210
0.043
0.11
1800
2860
0.026
0.067
2200
3140
0.019
0.049
3300
4220
0.014
0.038
3900
4280
0.012
0.032
5×11
6.3×11
8×16
8×20
8×11.5
10×28
10×23
10×20
10×16
220
865
0.080
0.32
10×12.5
16×25
16×31.5
16×35.5
16×40
18×16
18×20
18×25
2700
4170
0.015
0.040
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
16×16
16×20
20℃, 100kHz
−10℃, 100kHz
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXG
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com