Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YXG Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # YXG
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

YXG Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  YXG Datasheet HTML 1Page - RUBYCON CORPORATION YXG Datasheet HTML 2Page - RUBYCON CORPORATION YXG Datasheet HTML 3Page - RUBYCON CORPORATION YXG Datasheet HTML 4Page - RUBYCON CORPORATION YXG Datasheet HTML 5Page - RUBYCON CORPORATION YXG Datasheet HTML 6Page - RUBYCON CORPORATION YXG Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXG
SERIES
YXG
◆SPECIFICATIONS
◆MULTIPLIER FOR RIPPLE CURRENT
 Frequency coefficient
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
Dissipation Factor(MAX)
(tanδ)
Endurance
Low Temperature Stability
Impedance Ratio(MAX)
Items
Characteristics
−40∼+105℃
6.3∼100V.DC
±20%(20℃,120Hz)
I
=0.01CV or 3μA whichever is greater.       
(After 2 minutes)
I
=Leakage Current(μA)     C=Rated Capacitance(μF)     V=Rated Voltage(V)
Rated Voltage
(V)
tanδ
0.22
6.3
0.19
10
0.16
16
0.14
25
0.12
35
0.10
50
0.09
63
0.08
100
Leakage Current
Dissipation Factor
Capacitance Change
Within ±25% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After life test with rated ripple current at conditions stated in the table below, the capacitors shall meet the following requirements.
When rated capacitance is over 1000μF, tanδ shall be added 0.02 to the listed value with increase of every 1000μF.
(20℃,120Hz)
(120Hz)
105℃ High ripple current. Long Life.
◆FEATURES
• Low impedance at 100kHz with selected materials.
• Load Life : 105℃ 3000∼6000hours.
• RoHS compliance.
Case Dia
φD≧12.5
Life Time
(hrs)
6000
φD=10
5000
φD=8
4000
φD≦6.3
3000
Rated Voltage
(V)
Z(−40℃)/Z(20℃)
Z(−25℃)/Z(20℃)
8
6.3
6
10
4
16
3
25
3
35
3
50
3
4322222
63
3
2
100
◆PART NUMBER
□□□
Rated Voltage
YXG
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
□
Capacitance Tolerance
Frequency
(Hz)
Coefficient
120
1k
10k
100k≦
0.50
0.73
0.92
1.00
39∼270μF
0.42
0.70
0.90
1.00
6.8∼33μF
0.55
0.77
0.94
1.00
330∼680μF
0.60
0.80
0.96
1.00
820∼1800μF
0.70
0.85
0.98
1.00
2200∼18000μF


Similar Part No. - YXG

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
YXG RUBYCON-YXG_15 Datasheet
220Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXG_SERIES RUBYCON-YXG_SERIES Datasheet
138Kb / 3P
RADIAL LEAD ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - YXG

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com