Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YXG Datasheet(PDF) 5 Page - RUBYCON CORPORATION

Part # YXG
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

YXG Datasheet(HTML) 5 Page - RUBYCON CORPORATION

  YXG Datasheet HTML 1Page - RUBYCON CORPORATION YXG Datasheet HTML 2Page - RUBYCON CORPORATION YXG Datasheet HTML 3Page - RUBYCON CORPORATION YXG Datasheet HTML 4Page - RUBYCON CORPORATION YXG Datasheet HTML 5Page - RUBYCON CORPORATION YXG Datasheet HTML 6Page - RUBYCON CORPORATION YXG Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rated voltage 50V(1H)
22
180
0.70
2.8
56
295
0.30
1.2
100
555
0.17
0.68
120
730
0.12
0.48
150
760
0.12
0.48
220
1050
0.084
0.34
270
1220
0.060
0.24
270
1440
0.055
0.22
470
330
470
1690
0.043
0.17
560
1260
0.061
0.20
680
1660
0.045
0.15
1950
0.034
0.11
820
2310
0.030
0.10
1000
2510
0.025
0.083
470
2920
0.021
0.069
1690
0.055
0.17
1000
2555
0.025
0.075
3010
0.022
0.066
3150
0.019
0.057
1200
3710
0.016
0.048
1500
1930
0.054
0.15
1800
560
1000
1200
1800
2490
0.036
0.097
2200
2740
0.026
0.070
2700
3635
0.021
0.057
3680
0.017
0.046
3800
0.014
0.038
5×11
6.3×11
8×16
180
910
0.091
0.36
8×20
8×11.5
10×28
10×23
10×20
10×16
10×12.5
16×25
16×31.5
16×35.5
16×40
18×16
18×20
18×25
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
16×16
820
2210
0.034
0.10
16×20
20℃, 100kHz
−10℃, 100kHz
Rated voltage 63V(1J)
15
55
2.3
9.3
33
115
1.2
5.0
56
232
0.63
2.8
82
300
0.45
2.1
120
362
0.33
1.6
120
357
0.31
1.5
180
466
0.21
0.94
220
531
0.20
0.84
270
663
0.15
0.71
180
466
0.23
1.1
270
690
0.16
0.64
330
784
0.12
0.45
470
905
0.10
0.42
560
1050
0.083
0.35
680
1180
0.071
0.30
270
795
0.14
0.66
470
1040
0.091
0.38
560
1250
0.073
0.27
820
1570
0.054
0.20
1000
1790
0.045
0.17
1200
2020
0.040
0.15
390
920
0.12
0.50
680
1240
0.080
0.30
820
1490
0.057
0.21
1200
1790
0.040
0.15
1500
2330
0.036
0.13
5×11
6.3×11
8×16
8×20
8×11.5
10×28
10×23
10×20
10×16
82
288
0.43
1.8
10×12.5
16×25
16×31.5
16×35.5
16×40
18×16
18×20
18×25
1000
1630
0.047
0.17
18×31.5
18×35.5
18×40
12.5×20
12.5×25
12.5×30
12.5×35
12.5×40
12.5×16
16×16
16×20
20℃, 100kHz
−10℃, 100kHz
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXG
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)
Rated capacitance
(μF)
Size
φD×L(mm)
Rated ripple current
(mA r.m.s./105℃, 100kHz)
Impedance 
(ΩMAX)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com