Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YXG Datasheet(PDF) 7 Page - RUBYCON CORPORATION

Part # YXG
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

YXG Datasheet(HTML) 7 Page - RUBYCON CORPORATION

  YXG Datasheet HTML 1Page - RUBYCON CORPORATION YXG Datasheet HTML 2Page - RUBYCON CORPORATION YXG Datasheet HTML 3Page - RUBYCON CORPORATION YXG Datasheet HTML 4Page - RUBYCON CORPORATION YXG Datasheet HTML 5Page - RUBYCON CORPORATION YXG Datasheet HTML 6Page - RUBYCON CORPORATION YXG Datasheet HTML 7Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
0
20
40
60
80
100
0
1000
2000
3000
4000
5000
6000
7000
8000
-30
-20
-10
0
10
20
0
0.1
0.2
0.3
0.4
0.5
Time
(Hours)
(at 20℃)
0.01
0.1
1
10
0.1
1
10
100
Frequency (kHz)
Cap.
Z
-50
-40
-30
-20
-10
0
10
20
-60
-40
-20
0
20
40
60
80
100
120
0
100
200
300
400
500
600
700
0.01
0.10
1.00
10.00
-60
-40
-20
0
20
40
60
80
100
120
(at 120Hz)
Temperature
(℃)
Temperature
(℃)
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
YXG
◆CHARACTERISTIC DATA
・TEMPERATURE CHARACTERISTICS
・FREQUENCY CHARACTERISTICS
・ENDURANCE
16 YXG 330 M 8×11.5
25 YXG 1000 M 12.5×20



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com