Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3942 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3942
Description  The Dual RGB LED Controller with 1.5x/2x Charge Pump and SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3942 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3942 Datasheet HTML 1Page - National Semiconductor (TI) LP3942 Datasheet HTML 2Page - National Semiconductor (TI) LP3942 Datasheet HTML 3Page - National Semiconductor (TI) LP3942 Datasheet HTML 4Page - National Semiconductor (TI) LP3942 Datasheet HTML 5Page - National Semiconductor (TI) LP3942 Datasheet HTML 6Page - National Semiconductor (TI) LP3942 Datasheet HTML 7Page - National Semiconductor (TI) LP3942 Datasheet HTML 8Page - National Semiconductor (TI) LP3942 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Connection Diagrams and Package Mark Information
24-Lead LLP package (5 mm*4 mm*0.8 mm), Bumped
See NS Package Number YQA24A
20129202
Top View
20129203
Bottom View
20129204
Package Mark — Top View
Note: The actual physical placement of the package marking will vary from part to part. The package marking “XY” designates the date code. “UZ” and “TT” are NSC
internal codes for die manufacturing and assembly traceability. Both will vary considerably.
Ordering Information
Order Number
Package Marking
Supplied As
LP3942YQ
LP3942YQ
1000 units, Tape-and-Reel
LP3942YQX
LP3942YQX
2500 units, Tape-and-Reel
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com