Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3942 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3942
Description  The Dual RGB LED Controller with 1.5x/2x Charge Pump and SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3942 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3942 Datasheet HTML 3Page - National Semiconductor (TI) LP3942 Datasheet HTML 4Page - National Semiconductor (TI) LP3942 Datasheet HTML 5Page - National Semiconductor (TI) LP3942 Datasheet HTML 6Page - National Semiconductor (TI) LP3942 Datasheet HTML 7Page - National Semiconductor (TI) LP3942 Datasheet HTML 8Page - National Semiconductor (TI) LP3942 Datasheet HTML 9Page - National Semiconductor (TI) LP3942 Datasheet HTML 10Page - National Semiconductor (TI) LP3942 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SPI Interface
LP3942 is compatible with SPI serial bus specification and it
operates as a write-only slave. One write cycle consists of 7
Address bits, 1 Read/Write (RW, always high) bit and 8 Data
bits. The Address and Data are transmitted MSB first.
The Slave Select signal SS must be low during the Cycle
transmission. SS resets the interface when high and it has to
be taken high between successive Cycles. Data is clocked in
on the rising edge of the SCK clock signal.
20129205
SPI Write Cycle
20129206
SPI Timing Diagram
SPI TIMING PARAMETERS
Symbol
Parameter
Limit
Units
Min
Max
1
Cycle Time
80
-
ns
2
Enable Lead Time
5
-
ns
3
Enable Lag Time
5
-
ns
4
Clock Low Time
35
-
ns
5
Clock High Time
35
-
ns
6
Data Setup Time
15
-
ns
7
Data Hold Time
10
-
ns
8
SS Inactive Time
40
-
ns
Charge Pump Mode Selection
Charge pump mode is controlled through the SPI interface. The mode selection is shown in the following tables.
Addr.
Reg.
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
02’h
CTRL
NSTBY
CP_ON
CC/SW2
CC/SW1
1.5x/2x
reserved
reserved
reserved
default
0
0
0
0
0
0
0
0
Control Bit
Parameter
State
Function
NSTBY
Low Active Standby
NSTBY = 0
LP3942 is disabled
NSTBY = 1
LP3942 is active
CP_ON
Charge Pump Enable
CP_ON = 0
Charge Pump is disabled
CP_ON = 1
Charge Pump is active
1.5x/2x
Charge Pump Mode 1.5x/2x
1.5x/2x = 0
1.5x mode, V
OUT = 4.5V
1.5x/2x = 1
2x mode, V
OUT =5V
If charge pump is disabled (CP_ON = 0) and LP3942 is active (NSTBY = 1), then charge pump output (P
OUT) pin must be
connected externally to the same supply voltage (max 5.0V) which is used to drive LEDs with RGB1 or RGB2 outputs.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com