Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3942 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3942
Description  The Dual RGB LED Controller with 1.5x/2x Charge Pump and SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3942 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3942 Datasheet HTML 1Page - National Semiconductor (TI) LP3942 Datasheet HTML 2Page - National Semiconductor (TI) LP3942 Datasheet HTML 3Page - National Semiconductor (TI) LP3942 Datasheet HTML 4Page - National Semiconductor (TI) LP3942 Datasheet HTML 5Page - National Semiconductor (TI) LP3942 Datasheet HTML 6Page - National Semiconductor (TI) LP3942 Datasheet HTML 7Page - National Semiconductor (TI) LP3942 Datasheet HTML 8Page - National Semiconductor (TI) LP3942 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LP3942
The Dual RGB LED Controller with 1.5x/2x Charge Pump
and SPI Interface
General Description
The LP3942 is an integrated stand-alone RGB LED control-
ler with a high efficiency and low noise programmable 1.5x
and 2x charge pump. The RGB LEDs are controlled through
the low voltage SPI interface. RGB programmability allows
unique color and brightness control with both RGB outputs.
The color control has preselected color settings for color
blending. The LED current control is done using constant
current sinks that can be also used as switches. The non-
overlapping RGB output PWM control minimizes the input
noise.
See also: LP3931, LP3933 and LP3936 Lighting Manage-
ment Units
Features
n
Pre-regulated 1.5x and 2x charge pump with regulated
output (4.5V and 5.0V)
n
2 separately controlled PWM RGB LED drivers with
programmable color and brightness
n
Overlapping and non-overlapping RGB mode
n
Wide input voltage range 3V–5.0V
n
Output current up to 120 mA
n
Low voltage SPI interface
n
Programmable low current Standby mode
n
Tiny LLP24 package (5mm*4mm*0.8mm)
Applications
n
Cellular Phones, PDAs
Typical Application
20129201
PRELIMINARY
November 2004
© 2004 National Semiconductor Corporation
DS201292
www.national.com


Similar Part No. - LP3942

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3941 TI1-LP3941 Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
logo
National Semiconductor ...
LP3941A NSC-LP3941A Datasheet
779Kb / 32P
Cellular Phone Power Management Unit
LP3941LQ-A NSC-LP3941LQ-A Datasheet
779Kb / 32P
Cellular Phone Power Management Unit
logo
Texas Instruments
LP3941LQ-A TI1-LP3941LQ-A Datasheet
1Mb / 34P
Cellular Phone Power Management Unit
logo
National Semiconductor ...
LP3941LQA NSC-LP3941LQA Datasheet
779Kb / 32P
Cellular Phone Power Management Unit
More results

Similar Description - LP3942

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1707 MAXIM-MAX1707 Datasheet
793Kb / 15P
Light-Management IC with Efficient 1x/1.5x/2x Charge Pump for Backlight/Flash/RGB LEDs
Rev 0; 7/05
logo
Advanced Analogic Techn...
AAT3129 ANALOGICTECH-AAT3129 Datasheet
302Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
logo
Advanced Analog Technol...
AAT3129 AAT-AAT3129 Datasheet
460Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
3129.2007.01.1.4
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
1x/1.5x/2x Charge Pump for White LED Application
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
120mA 1x/1.5x/2x Charge Pump for White LED
logo
Advanced Analogic Techn...
AAT3129 ANALOGICTECH-AAT3129_07 Datasheet
460Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
logo
Linear Technology
LTC3212 LINER-LTC3212 Datasheet
746Kb / 12P
RGB LED Driver and Charge Pump
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com