Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3942 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3942
Description  The Dual RGB LED Controller with 1.5x/2x Charge Pump and SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3942 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3942 Datasheet HTML 1Page - National Semiconductor (TI) LP3942 Datasheet HTML 2Page - National Semiconductor (TI) LP3942 Datasheet HTML 3Page - National Semiconductor (TI) LP3942 Datasheet HTML 4Page - National Semiconductor (TI) LP3942 Datasheet HTML 5Page - National Semiconductor (TI) LP3942 Datasheet HTML 6Page - National Semiconductor (TI) LP3942 Datasheet HTML 7Page - National Semiconductor (TI) LP3942 Datasheet HTML 8Page - National Semiconductor (TI) LP3942 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Pin Description
Pin #
Name
Type
Description
1
SS
Logic Input
SPI Slave Select
2
SI
Logic Input
SPI Serial Data
3
SCK
Logic Input
SPI Clock
4
R1
Output
Open Drain, Red LED (1)
5
G1
Output
Open Drain, Green LED (1)
6
B1
Output
Open Drain, Blue LED (1)
7
GND3
Ground
Ground 3
8
B2
Output
Open Drain, Blue LED (2)
9
G2
Output
Open Drain, Green LED (2)
10
R2
Output
Open Drain, Red LED (2)
11
P
OUT
Output
Charge Pump Output
12
C1P
Flying capacitor C1 connection
13
V
IN
Power
Input voltage from battery
14
C2N
Flying capacitor C2 connection
15
GND1
Ground
Ground 1
16
C1N
Flying capacitor C1 connection
17
C2P
Flying capacitor C2 connection
18
V
DD
Power
LDO/Supply voltage input
19
GND2
Ground
Ground 2
20
I
BIAS
Input
Bias resistor connection
21
I
R
Input
Red LED current set resistor
22
I
G
Input
Green LED current set resistor
23
I
B
Input
Blue LED current set resistor
24
NRST
Logic Input
Low active reset input pin. (Internal pull down 1 M
Ω)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com