Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-UAR Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-UAR
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-UAR Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-UAR Datasheet HTML 16Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 17Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 18Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 19Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 20Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 21Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 22Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 23Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Page 20 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
15.3. SELF MANAGED POWER SAVING MODES
Multi Spider module has several self-managed power saving modes tailored for different use cases.
These modes provide several levels of power saving with degradation level of position accuracy.
Initial operation in Full Power state is a prerequisite for accumulation of satellite data determining
location, fine time and calibration of reference clocks.
15.3.1. ADAPTIVE TRICKLE POWER (ATP™)
ATP™ is best suited for applications that require navigation solutions at a fixed rate as well as
low power consumption and an ability to track weak signals.
This power saving mode provides the most accurate position among self-managed modes.
In this mode module is intelligently cycled between Full Power state, CPU Only state consuming
15mA and Standby state consuming ≤ 0.1mA, therefore optimizing current profile for low
power operation.
ATP™ period that equals navigation solution update can be 1 second to 10 seconds.
On-time including Full Power Tracking and CPU Only states can be 200ms to 900ms.
Standby
≥ 0.1s
≤ 45s
0.1s
Time
ATP period
Power On
Standby
Standby
Standby
Standby
FIGURE 3 – ATP™ TIMING
15.3.2. PUSH TO FIX (PTF™)
PTF™ is best suited for applications that require infrequent navigation solutions.
In this mode ORG4572 module is mostly in Hibernate state, drawing ≤ 54µA of current, waking
up for satellite data refresh in fixed periods of time.
PTF™ period can be anywhere between 10 seconds and 2 hours.
Host can initiate an instant position report by toggle the ON_OFF pad to wake up the module.
During fix trial module will stay in Full Power state until good position solution is estimated or
pre-configured timeout for it has expired.
Hibernate
Power On
Periodical satellite
data refresh
≤ 30s
≤ 45s
0.1s
Periodical satellite
data refresh
User position request
≤ 10s
Time
PTF period
Hibernate
Hibernate
Hibernate
FIGURE 4 – PTF™ TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com