Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-UAR Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-UAR
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-UAR Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-UAR Datasheet HTML 21Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 22Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 23Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 24Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 25Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 26Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 27Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 28Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Page 25 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
While in PTF™ mode, an ON_OFF pulse will initiate one PTF™ request.
While in Full Power state, an ON_OFF pulse will initiate orderly shutdown into Hibernate state.
Turns OFF
Turns ON
100μs min.
100μs min.
FIGURE 9 – ON_OFF TIMING
ON_OFF detector set requires a rising edge and high logic level that persists for at least 100µs.
ON_OFF detector reset requires ON_OFF asserted to low logic level for at least 100µs.
Recommended ON_OFF Low-High-Low pulse length is 100ms.
ON_OFF pulses with less than 1s intervals are not recommended.
Multiple switch bounce pulses are recommended to be filtered out.
Pull-down resistor of 10kΩ-33kΩ is recommended to avoid accidental power mode change.
ON_OFF input is tolerable up to 3.6V.
Do not drive high permanently or pull-up this input.
This line must be connected to host.
17.4.2. WAKEUP
WAKEUP output from ORG4572 is used to indicate power state.
A low logic level indicates that the module is in one of its low-power states - Hibernate or
Standby. A high logic level indicates that the module is in Full Power state.
In addition WAKEUP output can be used to control auxiliary devices.
Wakeup output is LVCMOS 1.8V compatible.
Do not connect if not in use.
17.4.3. RESET
̅̅̅̅̅̅̅̅
Power-on-Reset (POR) sequence is generated internally.
In addition, external reset is available through RESET
̅̅̅̅̅̅̅̅ pad.
Resetting ORG4572 clears the state machine of self-managed power saving modes to default.
RESET
̅̅̅̅̅̅̅̅ signal should be applied for at least 1µs.
RESET
̅̅̅̅̅̅̅̅ input is active low and has internal pull-up resistor of 1MΩ.
Do not drive this input high.
Do not connect if not in use.
17.4.4. 1PPS
Pulse-Per-Second (PPS) output provides a pulse signal for timing purposes.
PPS output starts when 3D position solution has been obtained using 5 or more GNSS satellites.
PPS output stops when 3D position solution is lost.
Pulse length (high state) is 200ms with rising edge is less than 30ns synchronized to UTC epoch.
The correspondent UTC time message is generated and put into output FIFO 300ms after the
PPS signal. The exact time between PPS and UTC time message delivery depends on message
rate, message queue and communication baud rate.
1PPS output is LVCMOS 1.8V compatible.
Do not connect if not in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com