Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-UAR Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-UAR
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-UAR Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-UAR Datasheet HTML 28Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 29Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 30Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 31Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 32Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 33Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 34Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 35Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Page 32 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
21.1. STARTING THE MODULE
A pulse on the ON_OFF input line when FSM is ready and in startup-ready state, Hibernate state,
standby state, will command the module to start.
Turns OFF
Turns ON
100μs min.
100μs min.
FIGURE 18 – ON_OFF TIMING
ON_OFF detector set requires a rising edge and high logic level that persists for at least 100µs.
ON_OFF detector reset requires ON_OFF asserted to low logic level for at least 100µs.
Recommended ON_OFF Low-High-Low pulse length is 100ms.
ON_OFF pulses with less than 1s intervals are not recommended.
Unknown
ON_OFF
RTC
VCC
WAKEUP
Unknown
Unknown
RESET
̅̅̅̅̅̅̅̅
ΔT1
ΔT0
ΔT2
ΔT3
ΔT4
ΔT5
ΔT6
FIGURE 19 – START-UP TIMING
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
fRTC
RTC Frequency
+25°C
-20 ppm
32768
+20 ppm
Hz
tRTC
RTC Tick
+25°C
30.5176
µs
∆T1
RTC Startup Time
300
ms
∆T0
Power Stabilization
6·tRTC+∆T1
7·tRTC+∆T1
8·tRTC+∆T1
µs
∆T2
WAKEUP Pulse
RTC running
10
tRTC
∆T3
ON_OFF Low
3
tRTC
∆T4
ON_OFF High
3
tRTC
∆T5
ON_OFF to WAKEUP high
After ON_OFF
6
tRTC
∆T6
ON_OFF to ARM boot
After ON_OFF
2130
tRTC
TABLE 13 – START-UP TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com