Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORG4572-R01-UAR Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # ORG4572-R01-UAR
Description  GNSS RECEIVER MODULE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ORG4572-R01-UAR Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button ORG4572-R01-UAR Datasheet HTML 29Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 30Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 31Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 32Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 33Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 34Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 35Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 36Page - List of Unclassifed Manufacturers ORG4572-R01-UAR Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Page 33 of 40
Multi Spider - ORG4572 Datasheet
Revision 3.0
November 23, 2014
21.2. AUTONOMOUS POWER ON
Connecting WAKEUP output (pad 4) to ON_OFF input (pad 9) enables self-start to Full Power state
from Ready-To-Start state following boot process.
When host data interface is set UART, module will start autonomously transmitting NMEA messages
after first power supply application. Further transfers between Full Power and Hibernate states
require external logic circuitry combined with serial command.
21.3. VERIFYING THE MODULE HAS STARTED
WAKEUP output will go high indicating ORG4572 has started.
System activity indication depends upon selected serial interface.
The first message to come out of module is “OK_TO_SEND” - ‘$PSRF150,1*3E’.
21.3.1. UART
When active, the module will output NMEA messages at the 4800bps.
21.3.2. I²C
In Multi-Master mode with no bus contention - the module will spontaneously send messages.
In Multi-Master mode with bus contention - the module will send messages after the I²C bus
contention resolution process allows it to send.
21.3.3. SPI
Since ORG4572 is SPI slave device, there is no possible indication of system “ready” through SPI
interface. Host must initiate SPI connection approximately 1s after WAKEUP output goes high.
21.4. CHANGING PROTOCOL AND BAUD RATE
1
Protocol and baud rate can be changed by NMEA $PSRF100 serial message.
21.5. CHANGING SATELLITE CONSTELLATION
1
Satellite constellations used in position solution can be changed by OSP® Message ID 222 Sub ID 16.
21.6. SHUTTING DOWN THE MODULE
Transferring ORG4572 from Full Power state to Hibernate state can be initiated in two ways:
By a pulse on ON_OFF input.
By NMEA ($PSRF117) or OSP® (MID205) serial message.
Orderly shutdown process may take anywhere from 10ms to 900ms to complete, depending upon
operation in progress and messages pending, and hence is dependent upon serial interface speed and
controls. ORG4572 will stay in Full Power state until TX FIFO buffer is emptied.
The last message during shutdown sequence is ‘$PSRF150,0*3F’.
Note:
1. Changes to default firmware settings are volatile and will be discarded at power re-cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com