Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL2
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL2 Datasheet HTML 1Page - Vishay Siliconix IL2 Datasheet HTML 2Page - Vishay Siliconix IL2 Datasheet HTML 3Page - Vishay Siliconix IL2 Datasheet HTML 4Page - Vishay Siliconix IL2 Datasheet HTML 5Page - Vishay Siliconix IL2 Datasheet HTML 6Page - Vishay Siliconix IL2 Datasheet HTML 7Page - Vishay Siliconix IL2 Datasheet HTML 8Page - Vishay Siliconix IL2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IL2
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 15-Apr-2021
4
Document Number: 83612
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
40 / 100 / 21
Comparative tracking index
CTI
175
Maximum rated withstanding isolation voltage
t = 1 min
VISO
4420
VRMS
Maximum transient isolation voltage
VIOTM
10 000
Vpeak
Maximum repetitive peak isolation voltage
VIORM
890
Vpeak
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Output safety power
PSO
400
mW
Input safety current
ISI
275
mA
Safety temperature
TS
175
°C
Creepage distance
≥ 7mm
Clearance distance
≥ 7mm
Insulation thickness
DTI
≥ 0.4
mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com