Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # IL2
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2 Datasheet(HTML) 5 Page - Vishay Siliconix

  IL2 Datasheet HTML 1Page - Vishay Siliconix IL2 Datasheet HTML 2Page - Vishay Siliconix IL2 Datasheet HTML 3Page - Vishay Siliconix IL2 Datasheet HTML 4Page - Vishay Siliconix IL2 Datasheet HTML 5Page - Vishay Siliconix IL2 Datasheet HTML 6Page - Vishay Siliconix IL2 Datasheet HTML 7Page - Vishay Siliconix IL2 Datasheet HTML 8Page - Vishay Siliconix IL2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IL2
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 15-Apr-2021
5
Document Number: 83612
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Non-Saturated Switching Schematic
Fig. 2 - Saturated Switching Schematic
Fig. 3 - Non-Saturated Switching Timing
Fig. 4 - Saturated Switching Timing
Fig. 5 - Forward Voltage vs. Forward Current
Fig. 6 - Normalized Non-Saturated and Saturated CTR vs.
LED Current
iil1_01
V
O
VCC = 5 V
R L = 75 Ω
IF = 10 mA
f = 10 kHz
DF = 50 %
iil1_02
V
O
R
L
V
CC = 5 V
I
F
= 10 mA
f = 10 kHz
DF = 50 %
iil1_03
tR
t F
tD
50 %
tPHL
VO
IF
tPLH
tS
iil1_04
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH = 1.5 V
iil1_05
100
10
1
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
I
F - Forward Current (mA)
T
A = - 55 °C
T
A = 25 °C
T
A = 100 °C
iil1_06
100
10
1
0.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
I
F - LED Current (mA)
Normalized to:
VCE = 10 V, IF = 10 mA
CTRce(sat) VCE = 0.4 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com