Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IL2
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2 Datasheet(HTML) 1 Page - Vishay Siliconix

  IL2 Datasheet HTML 1Page - Vishay Siliconix IL2 Datasheet HTML 2Page - Vishay Siliconix IL2 Datasheet HTML 3Page - Vishay Siliconix IL2 Datasheet HTML 4Page - Vishay Siliconix IL2 Datasheet HTML 5Page - Vishay Siliconix IL2 Datasheet HTML 6Page - Vishay Siliconix IL2 Datasheet HTML 7Page - Vishay Siliconix IL2 Datasheet HTML 8Page - Vishay Siliconix IL2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IL2
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 15-Apr-2021
1
Document Number: 83612
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, With Base Connection
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The IL2 is an optically coupled isolated pairs employing
GaAs infrared LEDs and silicon NPN phototransistor. Signal
information, including a DC level, can be transmitted by the
drive while maintaining a high degree of electrical isolation
between input and output.
The IL2 is especially designed
for driving medium-speed logic and can be used to eliminate
troublesome ground loop and noise problems. This coupler
can be used also to replace relays and transformers in many
digital interface applications such as CRT modulation.
FEATURES
• Current transfer ratio (see order information)
• Isolation test voltage 4420 VRMS
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
AGENCY APPROVALS
• UL / cUL 1577
• CSA
• CQC GB4943.1-2011
• CQC GB8898-2011
• FIMKO
Note
• Additional options may be possible, please contact sales office
1
2
3
6
5
4
B
C
E
A
C
NC
i179005
Related
Documents
ORDERING INFORMATION
I
L
2
-
X
009
T
PART NUMBER
PACKAGE OPTION
PACKAGE
OPTION
AGENCY CERTIFIED / PACKAGE
CTR (%)
UL, cUL, CSA, CQC, FIMKO
> 100
SMD-6, option 9
IL2-X009T
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Surge current
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
> 0.1 mm
Option 9


Similar Part No. - IL2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL2 SIEMENS-IL2 Datasheet
81Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
IL2 VISHAY-IL2 Datasheet
141Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
IL2 VISHAY-IL2 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
logo
ISOCOM COMPONENTS
IL2 ISOCOM-IL2 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
IL2 VISHAY-IL2 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
15-Apr-2021
More results

Similar Description - IL2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
Optocoupler, Phototransistor Output,with Base Connection
08-May-08
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
10-Jan-08
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
15-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com