Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL2 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # IL2
Description  Optocoupler, Phototransistor Output, With Base Connection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL2 Datasheet(HTML) 7 Page - Vishay Siliconix

  IL2 Datasheet HTML 1Page - Vishay Siliconix IL2 Datasheet HTML 2Page - Vishay Siliconix IL2 Datasheet HTML 3Page - Vishay Siliconix IL2 Datasheet HTML 4Page - Vishay Siliconix IL2 Datasheet HTML 5Page - Vishay Siliconix IL2 Datasheet HTML 6Page - Vishay Siliconix IL2 Datasheet HTML 7Page - Vishay Siliconix IL2 Datasheet HTML 8Page - Vishay Siliconix IL2 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IL2
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 15-Apr-2021
7
Document Number: 83612
For technical questions, contact: optocoupler.answers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Collector Base Photocurrent vs. LED Current
Fig. 14 - Normalized Photocurrent vs. IF and Temperature
Fig. 15 - Normalized Non-Saturated hFE vs. Base Current and
Temperature
Fig. 16 - Normalized Saturated hFE vs. Base Current and
Temperature
Fig. 17 - Propagation Delay vs. Collector Load Resistor
iil1_13
100
10
1
0.1
0.01
0.1
1
10
100
1000
IF - LED Current (mA)
Icb = 1.0357 * IF ^ 1.3631
iil1_14
0.1
1
10
100
0.01
0.1
1
10
IF - LED Current (mA)
Normalized to:
IF = 10 mA
A = - 20 °C
NIB-TA = 25 °C
NIB-TA = 50 °C
NIB-TA = 70 °C
NIB-T
iil1_15
1
10
100
1000
0.4
0.6
0.8
1.0
1.2
Ib - Base Current (µA)
Ib = 20 µA
VCE = 10 V
- 20 °C
50 °C
70 °C
Normalized to:
25 °C
iil1_16
1
10
100
1000
0.0
0.5
1.0
1.5
IB - Base Current (µA)
VCE = 0.4 V
Normalized to:
VCE = 10 V
IB = 20 µA
70 °C
50 °C
25 °C
- 20 °C
iil1_17
RL - Collector Load Resistor (kΩ)
100
10
1
0.1
1
10
100
1000
1.0
1.5
2.0
2.5
tpLH
tpHL
IF = 10 mA
VCC = 5 V, Vth = 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com