Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-35C0130-R-30D Datasheet(PDF) 22 Page - Bridgelux, Inc.

Part # BXEM-35C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-35C0130-R-30D Datasheet(HTML) 22 Page - Bridgelux, Inc.

Back Button BXEM-35C0130-R-30D Datasheet HTML 18Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 19Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 20Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 21Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 22Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 23Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 24Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 25Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 26Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Reliability
No .
Items
R而而而eference
Standard
Test Conditions
Drive
Current
Test Duration
Units
Failed/Tested
1
Moisture/reflow Sensitivity
J-STD-020E
T
sld = 260°C, 10sec,
Precondition: 85°C, 60%RH, 168hr
3 reflows
0/22
2
Low Temperature Storage
JESD22-A119
T
a=-40°C
1000 hours
0/22
3
High Temperature Storage
JESD22-A103D
T
a=100°C
1000 hours
0/22
4
Low Temperature Operating Life
JESD22-A108D
T
a=-40°C
150mA
1000 hours
0/22
5
Temperature Humidity Operating Life
JESD22-A101C
T
sp=85°C♤, RH=85%
150mA
1000 hours
0/22
6
High Temperature Operating Life
JESD22-A108D
T
sp=105°C
240mA
1000 hours
0/22
7
Thermal Shock
JESD22-A106B
T
a=-40°C ~100°C;
Dwell : 15min; Transfer: 10sec
200 Cycle
0/22
8
Temperature Cycle
JESD22-A104E
T
a=-40°C ~100°C;
Dwell at extreme temperature: 15min;
Ramp rate < 105°C/min
200 Cycle
0/22
9
Electrostatic Discharge
JS-001-2012
HBM, 2KV, 1.5kΩ, 100pF,
Alternately positive or negative
0/22
Table 9: Reliability Test Items and Conditions
20
Notes for Table 9:
1. Measurements are performed after allowing the LEDs to return to room temperature
2.
T
sld : reflow soldering temperature; Ta : ambient temperature
Item
Symbol
Test Condition
Passing Criteria
Forward Voltage
Vf
150mA
Δ♤Vf<10%
Luminous Flux
Iv
150mA
♤
ΔIv<30%
Chromaticity Coordinates
(x, y)
150mA
♤
Δu’v’<0.007
Passing Criteria



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com