Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-35C0130-R-30D Datasheet(PDF) 23 Page - Bridgelux, Inc.

Part # BXEM-35C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-35C0130-R-30D Datasheet(HTML) 23 Page - Bridgelux, Inc.

Back Button BXEM-35C0130-R-30D Datasheet HTML 19Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 20Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 21Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 22Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 23Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 24Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 25Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 26Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 27Page - Bridgelux, Inc.  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Figure 11 : Reflow Profile
Profile Feature
Lead Free Assembly
Preheat: Temperature Range
180°C – 200°C
Preheat: Time (Maximum)
120 seconds
Peak Temperature
260°C
Soldering Time (Maximum)
10 seconds
Allowable Reflow Cycles
2
Reflowing Characteristics
Figure 12 : Pick and Place
Note for Figure 12:
1. When using a pick and place machine, choose a nozzle that has a larger diameter than the LED’s emitting surface. Using a Pick-and-
Place nozzle with a smaller diameter than the size of the LEDs emitting surface will cause damage and may also cause the LED to
not illuminate.
21
Is greater than LEDs
emitting surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com