Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-35C0130-R-30D Datasheet(PDF) 5 Page - Bridgelux, Inc.

Part # BXEM-35C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-35C0130-R-30D Datasheet(HTML) 5 Page - Bridgelux, Inc.

  BXEM-35C0130-R-30D Datasheet HTML 1Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 2Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 3Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 4Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 5Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 6Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 7Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 8Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Product Selection Guide
The following product configurations are available:
Table 1: Selection Guide, Pulsed Measurement Data at 150mA (T
j=Tsp=25°C)
Part Number1,6
Nominal CCT2
(K)
CRI3, 5
Nominal
Drive Current
(mA)
Forward Voltage4, 5
(V)
Minimum
Pulsed Flux
(lm)4, 5, 7
Typical
Pulsed Flux
(lm)4, 5
Typical
Power
(W)
Typical
Efficacy
(lm/W)
Min
Typical
Max
BXEM-27C0000-0-000
2700
70
150
5.8
6.25
6.6
110
123
0.9
131
BXEM-27E0000-0-000
2700
80
150
5.8
6.25
6.6
100
117
0.9
125
BXEM-27G0000-0-000
2700
90
150
5.8
6.25
6.6
80
98
0.9
105
BXEM-30C0000-0-000
3000
70
150
5.8
6.25
6.6
110
126
0.9
134
BXEM-30E0000-0-000
3000
80
150
5.8
6.25
6.6
110
123
0.9
131
BXEM-30G0000-0-000
3000
90
150
5.8
6.25
6.6
90
103
0.9
110
BXEM-35C0000-0-000
3500
70
150
5.8
6.25
6.6
110
129
0.9
138
BXEM-35E0000-0-000
3500
80
150
5.8
6.25
6.6
110
125
0.9
133
BXEM-35G0000-0-000
3500
90
150
5.8
6.25
6.6
90
105
0.9
112
BXEM-40C0000-0-000
4000
70
150
5.8
6.25
6.6
120
133
0.9
142
BXEM-40E0000-0-000
4000
80
150
5.8
6.25
6.6
110
127
0.9
135
BXEM-40G0000-0-000
4000
90
150
5.8
6.25
6.6
90
108
0.9
115
BXEM-50C0000-0-000
5000
70
150
5.8
6.25
6.6
120
133
0.9
142
BXEM-50E0000-0-000
5000
80
150
5.8
6.25
6.6
110
127
0.9
135
BXEM-50G0000-0-000
5000
90
150
5.8
6.25
6.6
90
108
0.9
115
BXEM-57C0000-0-000
5700
70
150
5.8
6.25
6.6
120
133
0.9
142
BXEM-57E0000-0-000
5700
80
150
5.8
6.25
6.6
110
127
0.9
135
BXEM-57G0000-0-000
5700
90
150
5.8
6.25
6.6
90
108
0.9
115
BXEM-65C0000-0-000
6500
70
150
5.8
6.25
6.6
120
133
0.9
142
BXEM-65E0000-0-000
6500
80
150
5.8
6.25
6.6
110
126
0.9
134
BXEM-65G0000-0-000
6500
90
150
5.8
6.25
6.6
90
108
0.9
115
3
Notes for Table 1:
1. The last 10 characters (including hyphens ‘-’) refer to nominal flux, nominal forward voltage, and color bins, respectively. “0000-0-000” denotes the full
distribution of flux, forward voltage, and 7 SDCM color.
Example: BXEM-30E0000-0-000 refers to the full distribution of flux, forward voltage, and color within a 3000K 7-step ANSI standard chromaticity
region with a minimum of 80CRI.
2. Product CCT is hot targeted at T
sp = 85°C. Nominal CCT as defined by ANSI C78.377-2011.
3. Listed CRIs are minimum values and include test tolerance.
4. Products tested under pulsed condition (10ms pulse width) at nominal drive current where T
j=Tsp=25°C.
5. Bridgelux maintains a ±7.5% tolerance on luminous flux measurements, ±0.1V tolerance on forward voltage measurements, and ±2 tolerance on CRI
measurements for the SMD 3030.
6. Refer to Table 6 and Table 7 for Bridgelux SMD 3030 Luminous Flux Binning and Forward Voltage Binning information.
7. Minimum flux values at elevated temperatures are provided for reference only and are not guaranteed by 100% production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com