Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-35C0130-R-30D Datasheet(PDF) 8 Page - Bridgelux, Inc.

Part # BXEM-35C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-35C0130-R-30D Datasheet(HTML) 8 Page - Bridgelux, Inc.

Back Button BXEM-35C0130-R-30D Datasheet HTML 4Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 5Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 6Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 7Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 8Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 9Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 10Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 11Page - Bridgelux, Inc. BXEM-35C0130-R-30D Datasheet HTML 12Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Performance at Commonly Used Drive Currents
6
Table 3: Performance at Commonly Used Drive Currents (Continued)
Part Number
CRI
Drive
Current1
(mA)
Typical V
f
T
sp = 25°C
(V)
Typical Power
T
sp = 25°C
(W)
Typical
Flux2
T
sp = 25°C
(lm)
Typical
DC Flux3
T
sp = 85°C
(lm)
Typical
Efficacy
(lm/W)
BXEM-35C0000-0-000
70
30
5.5
0.2
29
26
179
60
5.7
0.3
57
50
167
100
6.0
0.6
91
79
153
150
6.25
0.9
129
108
138
200
6.5
1.3
163
132
125
240
6.7
1.6
187
146
116
BXEM-35E0000-0-000
80
30
5.5
0.2
28
25
174
60
5.7
0.3
55
49
162
100
6.0
0.6
88
76
148
150
6.25
0.9
125
105
133
200
6.5
1.3
158
128
121
240
6.7
1.6
182
142
113
BXEM-35G0000-0-000
90
30
5.5
0.2
24
21
146
60
5.7
0.3
47
42
136
100
6.0
0.6
74
66
124
150
6.25
0.9
105
90
112
200
6.5
1.3
133
110
102
240
6.7
1.6
153
122
95
BXEM-40C0000-0-000
70
30
5.5
0.2
30
27
185
60
5.7
0.3
59
52
172
100
6.0
0.6
94
81
157
150
6.25
0.9
133
112
142
200
6.5
1.3
168
136
129
240
6.7
1.6
193
151
120
BXEM-40E0000-0-000
80
30
5.5
0.2
29
25
176
60
5.7
0.3
56
50
165
100
6.0
0.6
90
77
150
150
6.25
0.9
127
107
136
200
6.5
1.3
161
130
123
240
6.7
1.6
185
144
115
BXEM-40G0000-0-000
90
30
5.5
0.2
25
22
150
60
5.7
0.3
48
43
140
100
6.0
0.6
76
67
128
150
6.25
0.9
108
93
115
200
6.5
1.3
137
113
105
240
6.7
1.6
157
125
97
Notes for Table 3:
1. Alternate drive currents in Table 3 are provided for reference only and are not a guarantee of performance.
2. Bridgelux maintains a ± 7.5% tolerance on flux measurements.
3. Typical stabilized DC performance values are provided as reference only and are not a guarantee of performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com