Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-50C0130-R-30D Datasheet(PDF) 19 Page - Bridgelux, Inc.

Part # BXEM-50C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-50C0130-R-30D Datasheet(HTML) 19 Page - Bridgelux, Inc.

Back Button BXEM-50C0130-R-30D Datasheet HTML 15Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 16Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 17Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 18Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 19Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 20Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 21Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 22Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 23Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Typical Radiation Pattern
17
Figure 7: Typical Spatial Radiation Pattern at 150mA, T
sp=25°C
Figure 8: Typical Polar Radiation Pattern at 150mA, T
sp=25°C
Notes for Figure 7:
1. Typical viewing angle is 120⁰.
2. The viewing angle is defined as the off axis angle from the centerline where Iv is ½ of the peak value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com