Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-50C0130-R-30D Datasheet(PDF) 21 Page - Bridgelux, Inc.

Part # BXEM-50C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-50C0130-R-30D Datasheet(HTML) 21 Page - Bridgelux, Inc.

Back Button BXEM-50C0130-R-30D Datasheet HTML 17Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 18Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 19Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 20Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 21Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 22Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 23Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 24Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 25Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Mechanical Dimensions
Figure 10: Drawing for SMD 3030
19
Notes for Figure 10:
1. Drawings are not to scale.
2. Drawing dimensions are in millimeters.
3. Unless otherwise specified, tolerances are ± 0.10mm.
4. The optical center of the LED emitter is nominally defined by the mechanical center of the emitter. The light emitting surface (LES) is centered
on the mechanical center of the LED emitter to a tolerance of ± 0.2 mm
Recommended PCB Soldering Pad Pattern
T
sp measurement point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com