Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-50C0130-R-30D Datasheet(PDF) 13 Page - Bridgelux, Inc.

Part # BXEM-50C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-50C0130-R-30D Datasheet(HTML) 13 Page - Bridgelux, Inc.

Back Button BXEM-50C0130-R-30D Datasheet HTML 9Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 10Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 11Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 12Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 13Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 14Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 15Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 16Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 17Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Product Bin Definitions
Table 6: Luminous Flux Bin Definitions at 150mA, T
sp=25°C
Bin Code
Minimum
Maximum
Unit
Condition
0060
60
70
lm
I
F=150mA
0070
70
80
0080
80
90
0090
90
100
0100
100
110
0110
110
120
0120
120
130
0130
130
140
0140
140
150
0150
150
160♤ ♤
Table 6 lists the standard photometric luminous flux bins for Bridgelux SMD 3030 LEDs. Although several bins are
outlined, product availability in a particular bin varies by production run and by product performance. Not all bins are
available in all CCTs.
11
Table 7: Forward Voltage Bin Definition
Bin Code
Minimum
Maximum
Unit
Condition
P
5.8
6.0
V
I
F=150mA
Q
6.0
6.2
R
6.2
6.4
S
6.4
6.6
Note for Table 7:
1. Bridgelux maintains a tolerance of ± 0.1V on forward voltage measurements.
Note for Table 6:
1. Bridgelux maintains a tolerance of ± 7.5% on luminous flux measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com