Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXEM-50C0130-R-30D Datasheet(PDF) 4 Page - Bridgelux, Inc.

Part # BXEM-50C0130-R-30D
Description  Bridgelux® SMD 3030 Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

BXEM-50C0130-R-30D Datasheet(HTML) 4 Page - Bridgelux, Inc.

  BXEM-50C0130-R-30D Datasheet HTML 1Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 2Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 3Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 4Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 5Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 6Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 7Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 8Page - Bridgelux, Inc. BXEM-50C0130-R-30D Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Product Feature Map
Cathode Mark
Yellow phosphor Light
Emitting Surface (LES)
Product Nomenclature
The part number designation for Bridgelux SMD 3030 is explained as follows:
2
Bridgelux SMD LED products offer exceptional
performance and color quality all in a highly reliable, cost
effective, compact package. Our SMD products come in
industry standard package sizes and follow ANSI binning
standards.
These LEDs are optimized for cost and performance,
helping to ensure highly competitive system lumen
per dollar performance while addressing the stringent
efficacy and reliability standards required for modern
lighting applications.
Product Test Conditions
Bridgelux SMD 3030 LEDs are tested and binned with a 10ms pulse of 150mA at T
j (junction temperature)=Tsp (solder point
temperature) =25°C. Forward voltage and luminous flux are binned at a T
j=Tsp=25°C, while color is hot targeted at a Tsp of 85°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com