Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201210U-R33M Datasheet(PDF) 6 Page - Kinetic Technologies.

Part # DFE201210U-R33M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201210U-R33M Datasheet(HTML) 6 Page - Kinetic Technologies.

Back Button DFE201210U-R33M Datasheet HTML 2Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 3Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 4Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 5Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 6Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 7Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 8Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 9Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 10Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 6 of 25
Kinetic Confidential
Electrical Characteristics (continued)8
Unless otherwise noted, the Min and Max specs are applied over the full operation temperature range of
-40°C to +85°C and VIN = 2.7V to 5.5V. Typ values are specified at +25°C with VIN = 3.6V.
I2C-Compatible Interface Specifications (SCL, SDA), see Figure 1
Symbol
Description
Conditions
Min
Typ
Max
Units
VIH
Input Logic High Threshold
1.1
V
VIL
Input Logic Low Threshold
0.4
V
VOL
SDA Output Logic Low
ISDA = 3mA
0.4
V
t1
SCL clock period9
2.5
µs
t2
Data in setup time to SCL high9
100
ns
t3
Data out stable after SCL low9
0
ns
t4
SDA low setup time to SCL low (Start)9
100
ns
t5
SDA high hold time after SCL high (Stop)9
100
ns
(continued next page)
Figure 1. I2C Compatible Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com