Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201210U-R33M Datasheet(PDF) 1 Page - Kinetic Technologies.

Part # DFE201210U-R33M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201210U-R33M Datasheet(HTML) 1 Page - Kinetic Technologies.

  DFE201210U-R33M Datasheet HTML 1Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 2Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 3Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 4Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 5Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 6Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 7Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 8Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 9Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 1 of 25
Kinetic Confidential
3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
Features
• 2.7 to 5.5V Input Voltage Range
• 0.6 to 3.345V Programmable Output Voltage
6.25mV steps below 1.39375V
15mV steps above 1.44V
• 3.0A Output Current
• ±1% Accuracy at TA = +25°C
±2.5% over line/load/temp/setting
• Fast Transient Response
• Dynamic Voltage Scaling (DVS) with 8 ramp rates
• Soft-Start with 10 ramp rates
• 89% Peak Efficiency at Vout = 1.15625V
• 2.4MHz with Auto-Skip at light loads
Programmable forced-PWM mode
• 48uA typ. No-Load Supply Current in Skip Mode
• Tiny External Components
L = 330 or 470nH (2012 or 2016 metric size)
Cin = 10
µF (0402), Cout = 2x22µF (2x0402)
• Over-Current, Short-Circuit, Under/Over-VIN, and
Thermal Shutdown Protections
• 1MHz I2C Interface
• Open-Drain IRQ
̅̅̅̅̅̅ Output Flag
• -40°C to 85°C Operating Temperature Range
• 15-bump Pb-free WLCSP (0.4mm pitch)
1.340 x 2.045mm (0.6mm height)
Pin/Register Compatible with FAN53526
Brief Description
The KTB8331 is a precision adaptive-on-time (AOT)
buck switching regulator with class-leading accuracy,
transient response, efficiency, and solution size
optimized for mobile and non-mobile application. It is
I2C programmable for output voltages in the 0.6V to
3.345V range. It features soft-start and DVS with
multiple programmable ramp rates. Versions with
various default settings can be ordered. The features
and performance make the KTB8331 suitable for a
variety of applications including CPU/GPU core, DSP
and baseband, DDR memory, VIO, and sensor/analog
power.
The KTB8331 is available in RoHS and Green
compliant 15-bump 1.340mm x 2.045mm x 0.6mm
wafer-level chip-scale package (WLCSP).
Applications
• CPU, GPU, AP, DSP, FPGA, I/O, XCVR Power
• HDD, LPDDR3, LPDDR4 Memory Power
• Tablets, Netbooks, Ultra-Books
• Smartphones, Mobile Internet Devices, IoT
• DSC, Drones, Gaming Consoles, Accessories
Typical Application Schematic
KTB8331
3A, 2.4MHz
AOT Buck
VIN
PGND
10µF
VOUT
LX
2x 22µF
INPUT
2.7 to 5.5V
OUTPUT
0.6 to 3.345V
330nH
or 470nH
AGND
I
2C
Interface
&
DVS Logic
EN
VSEL
SCL
SDA
IRQ


Similar Part No. - DFE201210U-R33M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE201210U-R33M TOKO-DFE201210U-R33M Datasheet
210Kb / 1P
The use of Flat wire for Low DC resistance
DFE201210U-R33M TOKO-DFE201210U-R33M Datasheet
210Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE201210U-R33M MURATA-DFE201210U-R33M Datasheet
982Kb / 2P
Inductor
DFE201210U-R33M MURATA-DFE201210U-R33M Datasheet
999Kb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
DFE201210U-R33M# MURATA-DFE201210U-R33M# Datasheet
999Kb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
More results

Similar Description - DFE201210U-R33M

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
52kHz Simple 3A Buck Voltage Regulator
MIC4576 MICREL-MIC4576 Datasheet
71Kb / 7P
200kHz Simple 3A Buck Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085_05 Datasheet
194Kb / 9P
3A LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
USR1021 UTC-USR1021 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Linear Technology
LTC3447 LINER-LTC3447_15 Datasheet
570Kb / 16P
I2C Controllable Buck Regulator
logo
Unisonic Technologies
USR1021 UTC-USR1021_15 Datasheet
183Kb / 4P
3A SYNCHRONOUS BUCK REGULATOR
logo
Fairchild Semiconductor
FAN53525 FAIRCHILD-FAN53525 Datasheet
390Kb / 4P
3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
logo
Sanken electric
NR120E SANKEN-NR120E Datasheet
759Kb / 13P
3A, 18V, Buck Regulator
logo
ON Semiconductor
FAN53525 ONSEMI-FAN53525 Datasheet
509Kb / 6P
3.0A, 2.4MHz, Digitally Programmable TinyBuck Regulator
Rev. 1.0.1
logo
Kinetic Technologies.
KTB8330 KINETIC-KTB8330 Datasheet
154Kb / 2P
3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com