Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201210U-R33M Datasheet(PDF) 14 Page - Kinetic Technologies.

Part # DFE201210U-R33M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201210U-R33M Datasheet(HTML) 14 Page - Kinetic Technologies.

Back Button DFE201210U-R33M Datasheet HTML 10Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 11Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 12Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 13Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 14Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 15Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 16Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 17Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 18Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 14 of 25
Kinetic Confidential
Thermal Shutdown Over-Temperature (OT)
Over-temperature (OT) protection occurs if the die junction temperature exceeds the thermal shutdown threshold
(TJ_SHDN). During thermal shutdown, the buck pauses all switching until the die temperature cools. Once cooled,
the buck re-starts with the programmed soft-start ramp.
The OT status is reflected in the MONITOR register and, if unmasked, latched into the INTLATCH register.
Trim Options
The KTB8331 is factory trimmed using one-time programmable (OTP) registers. Standard versions are available
for various default output voltage settings and modes
– see the Ordering Information section. Contact a Kinetic
Technologies representative regarding versions with other default settings or I2C slave addresses.
I2C Interface Description
I2C Serial Data Bus
The KTB8331 supports the I2C bus protocol. A device that sends data onto the bus is defined as a transmitter,
and a device receiving data as a receiver. The device that controls the bus is called a master, whereas the
devices controlled by the master are known as slaves. A master device must generate the serial clock (SCL),
control bus access and generate START and STOP conditions to control the bus. The KTB8331 operates as a
slave on the I2C bus. Within the bus specifications, a standard mode (100kHz maximum clock rate) and a fast
mode (400kHz maximum clock rate) are defined. The KTB8331 works in both modes. Connections to the bus are
made through the open-drain I/O lines SDA and SCL.
The following bus protocol has been defined in Figure 2:
• Data transfer may be initiated only when the bus is not busy.
• During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in the data
line while the clock line is high are interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus Not Busy
Both data and clock lines remain HIGH.
Start Data Transfer
A change in the state of the data line, from HIGH to LOW, while the clock is HIGH, defines a START condition.
Stop Data Transfer
A change in the state of the data line, from LOW to HIGH, while the clock line is HIGH, defines the STOP
condition.
Data Valid
The state of the data line represents valid data when, after a START condition, the data line is stable for the
duration of the HIGH period of the clock signal. The data on the line must be changed during the LOW period of
the clock signal. There is one clock pulse per bit of data.
Each data transfer is initiated with a START condition and terminated with a STOP condition. The number of data
bytes transferred between START and STOP conditions are not limited, and are determined by the master
device. The information is transferred byte-wise and each receiver acknowledges with a ninth bit.
Acknowledge
Each receiving device, when addressed, is obliged to generate an acknowledge after the reception of each byte.
The master device must generate an extra clock pulse that is associated with this acknowledge bit.
A device that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way that
the SDA line is stable LOW during the HIGH period of the acknowledge-related clock pulse. Setup and hold times
must also be taken into account.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com