Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201210U-R33M Datasheet(PDF) 15 Page - Kinetic Technologies.

Part # DFE201210U-R33M
Description  3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

DFE201210U-R33M Datasheet(HTML) 15 Page - Kinetic Technologies.

Back Button DFE201210U-R33M Datasheet HTML 11Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 12Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 13Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 14Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 15Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 16Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 17Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 18Page - Kinetic Technologies. DFE201210U-R33M Datasheet HTML 19Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
KTB8331
December 2021
– Revision 04b
Page 15 of 25
Kinetic Confidential
Figure 2. Data Transfer on I2C Serial Bus
The KTB8331 7-bit slave device address is listed in the Ordering Information table in page 3.
There are two kinds of I2C data transfer cycles: write cycle and read cycle.
I2C Write Cycle
For I2C write cycle, data is transferred from a master to a slave. The first byte transmitted is the 7-bit slave
address
plus one bit of ‘0’ for write. Next follows a number of data bytes. The slave returns an acknowledge bit
after each received byte. Data is transferred with the most significant bit (MSB) first. Figure 3 shows the sequence
of the I2C write cycle.
Figure 3. I2C Write Cycle
I2C Write Cycle Steps:
• Master generates start condition.
• Master sends 7-bit slave address and 1-bit data direction ‘0’ for write.
• Slave sends acknowledge if the slave address is matched.
• Master sends 8-bit register address.
• Slave sends acknowledge.
• Master sends 8-bit data for that addressed register.
• Slave sends acknowledge.
• If master sends more data bytes, the register address will be incremented by one after each acknowledge.
• Master generate stop condition to finish the write cycle.
From Slave to Master
S
Device Address
Register Address
0
A
A
Data
A
P
From Master to Slave
‘0’
Write
7 bits
8 bits
8 bits
S = Start
A = Acknowledge (SDA Low)
P = Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com