Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5141BCCZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5141BCCZN-R7
Description  Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5141BCCZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5141BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Data Sheet
ADRF5141
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 13
Positive supply voltage (VDD) = 3.3 V, negative supply voltage (VSS) = −3.3 V, CTRL voltage (VCTRL) = 0 V or 3.3 V, and TCASE = 25°C, with a 50
Ω system, unless otherwise noted.
Table 1. Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
6
12
GHz
INSERTION LOSS
8 GHz to 11 GHz
TX to ANT
0.9
dB
ANT to RX
1.4
dB
6 GHz to 12 GHz
TX to ANT
1.1
dB
ANT to RX
1.7
dB
RETURN LOSS
8 GHz to 11 GHz
ANT
13
dB
TX (On)
16
dB
RX (On)
18
dB
6 GHz to 12 GHz
ANT
11
dB
TX (On)
13
dB
RX (On)
12
dB
ISOLATION
8 GHz to 11 GHz
TX to ANT
RX selected
28
dB
ANT to RX
TX selected
58
dB
TX to RX
TX selected
55
dB
6 GHz to 12 GHz
TX to ANT
RX selected
26
dB
ANT to RX
TX selected
55
dB
TX to RX
TX selected
55
dB
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
15
ns
On and Off Time
tON, tOFF
50% VCTRL to 90% of RF output
50
ns
RF Settling Time
0.1 dB
50% VCTRL to 0.1 dB of final RF output
65
ns
LIMITER
Pulsed 40 dBm, 5% duty cycle, >100 ns pulse width
Response Time
<10
ns
Recovery Time
<10
ns
RX Flat Leakage
17
dBm
INPUT LINEARITY
8 GHz to 11 GHz
TX Arm
0.1dB Compression
P0.1dB
41
dBm
1dB Compression
P1dB
43
dBm
Third-Order Intercept
IP3
2-tone input power = 20 dBm each tone, Δf = 1 MHz
58
dBm
RX Arm
0.1dB Compression
P0.1dB
14
dBm
1dB Compression
P1dB
17
dBm
Third-Order Intercept
IP3
2-tone input power = 2 dBm each tone, Δf = 1 MHz
43
dBm
DIGITAL CONTROL INPUTS
CTRL pin
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com