Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5141BCCZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5141BCCZN-R7
Description  Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5141BCCZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5141BCCZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
ADRF5141
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 5 of 13
For recommended operating conditions, see Table 1.
Table 2. Absolute Maximum Ratings
Parameter
Rating
VDD
−0.3 V to +3.6 V
VSS
−3.6 V to +0.3 V
Digital Control Input
Voltage
−0.3 V to VDD + 0.3 V
Current
3 mA
RF Power
Input at TX1 (f = 8 GHz to 11 GHz, TCASE = 85°C2)
Continuous Wave
36.5 dBm
Pulsed (5% duty cycle, >100 ns pulse width,
TCASE = 85°C)
40.5 dBm
Pulsed (15% duty cycle, >100 ns pulse width,
TCASE = 50°C)
40.5 dBm
Peak
43.5 dBm
Input at ANT (f = 6 GHz to 12 GHz, TCASE = 85°C2)
Continuous Wave
33.5 dBm
Pulsed (5% duty cycle, >100 ns pulse width,
TCASE = 85°C)
40.5 dBm
Pulsed (15% duty cycle, >100 ns pulse width,
TCASE = 50°C)
40.5 dBm
Peak
40.5 dBm
RF Power Under Unbiased Condition (VDD and VSS =
0 V)
Input at ANT
33 dBm
Temperature
Junction, TJ
135°C
Storage
−65°C to +150°C
Reflow
260°C
1 For power derating vs. frequency for the input at TX, see Figure 2.
2 For 105°C operation, the power handling degrades from the TCASE = 85°C
specifications by 3 dB.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJC is the junction to case bottom (channel to package bottom)
thermal resistance.
Table 3. Thermal Resistance
Package Type
θJC1
Unit
CC-20-9
Table 3. Thermal Resistance
Package Type
θJC1
Unit
TX Path
45
°C/W
RX Path
28.6
°C/W
1 θJC was determined by simulation under the following conditions: the heat
transfer is due solely to the thermal conduction from the channel through the
ground pad to the PCB, and the ground pad is held constant at the operating
temperature of 85°C.
POWER DERATING CURVE
Figure 2. Power Derating vs. Frequency for Input at TX, TCASE = 85°C
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for ADRF5141
Table 4. ADRF5141, 20-Terminal LGA
ESD Model
Withstand Threshold (V)
Class
HBM
±2000 for All Pins
2
CDM
±1250 for All Pins
C3
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com