Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5141BCCZN-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5141BCCZN-R7
Description  Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5141BCCZN-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5141BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet
ADRF5141
THEORY OF OPERATION
analog.com
Rev. 0 | 10 of 13
The ADRF5141 integrates a driver to perform logic function inter-
nally and to provide the advantage of a simplified control interface.
The driver features a single-control input pin (CTRL) that controls
the state of the RF paths, determining which RF port is in an
insertion loss state and which RF port is in an isolation state (see
Table 6).
POWER SUPPLY
The ADRF5141 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
The ideal power-up sequence is as follows:
1. Connect to ground.
2. Power up VDD and VSS. Power up VSS after VDD to avoid
current transients on VDD during ramp-up.
3. Power up the digital control input (CTRL). Power up CTRL be-
fore the VDD supply can inadvertently forward bias and damage
the internal ESD protection structures. To avoid this damage,
use a series 1 kΩ resistor to limit the current flowing into the
CTRL pin. Use pull-up or pull-down resistors if the controller
output is in a high-impedance state after VDD is powered up and
the CTRL pin is not driven to a valid logic state
4. Apply an RF input signal.
The ideal power-down sequence is the reverse order of the power-
up sequence.
RF INPUT AND OUTPUT
All RF ports (ANT, RX, and TX) are DC-coupled to 0 V. When the
RF line DC potential is at 0 V, no DC blocking is required at the RF
ports.
The RF ports are internally matched to 50 Ω; therefore, no external
matching networks are required.
Table 6. Control Voltage Truth Table
Digital Control Input
RF Paths
CTRL
TX to ANT
ANT to RX
Low
Insertion loss (on)
Isolation (off)
High
Isolation (off)
Insertion loss (on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com