Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5141BCCZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5141BCCZN-R7
Description  Silicon, Transmit and Receive Switch with Limiter, 6 GHz to 12 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5141BCCZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5141BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5141BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
ADRF5141
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 11 of 13
The ADRF5141 has two power-supply pins (VDD and VSS) and
one control pin (CTRL). Figure 21 shows the external components
and connections for the supply and control pins. The VDD pin is
decoupled with 100 pF and 1000 pF multilayer ceramic capacitor,
while the VSS pin and the control pin are decoupled with 100
pF multilayer ceramic capacitor. The device pinout allows the place-
ment of the decoupling capacitors close to the device. No other
external components are needed for bias and operation, except
DC-blocking capacitors on the ANT, TX, and RX pins when the RF
lines are biased at a voltage different than 0 V. Refer to the Pin
Configuration and Function Descriptions section for details.
Figure 21. Recommended Schematic
The power limiter at the RX arm engages and limits the input
power from the ANT power. See the Table 1 section for the RX
flat Leakage power level. A typical application of the ADRF5141
is to connect an antenna at the ANT pin, a power amplifier (PA)
at the TX pin, and a low-noise amplifier (LNA) at the RX pin. The
integrated power limiter at the RX arm provides protection to the
LNA input connected to the RX pin (see Figure 22).
Figure 22. Typical Application Diagram
RECOMMENDATIONS FOR PCB DESIGN
The RF ports are matched to 50 Ω internally and the pinout is
designed to mate a coplanar waveguide (CPWG) with 50 Ω charac-
teristic impedance on the PCB. Figure 23 shows the referenced
CPWG RF trace design for an RF substrate with 8 mil thick Rogers
RO4003 dielectric material. RF trace with 14 mil width and 7 mil
clearance is recommended for 1.5 mil finished copper thickness.
Figure 23. Example PCB Stack-Up
Figure 24 shows the routing of the RF traces, supply, and control
signals from the device. The ground planes are connected with as
many filled, through vias as allowed for optimal RF and thermal
performance. The primary thermal path for the device is the bottom
side; therefore, a heatsink is required underneath the PCB to
ensure maximum heat dissipation and to reduce thermal rise on the
PCB during high-power applications.
Figure 24. PCB Routings
Figure 25 shows the recommended layout from the device RF pins
to the 50 Ω CPWG on the referenced stack-up. PCB pads are
drawn 1:1 to device pads. The ground pads are drawn soldermask
defined, and the signal pads are drawn as pad defined. The RF
trace from the PCB pad is extended with the same width till the
package edge and tapered to the RF trace with a 45° angle.
The paste mask is also designed to match the pad without any
aperture reduction. The paste is divided into multiple openings for
the paddle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com