Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # RPC
Description  Pulse Withstanding Thick Film Chip Resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPC Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  RPC Datasheet HTML 1Page - Stackpole Electronics, Inc. RPC Datasheet HTML 2Page - Stackpole Electronics, Inc. RPC Datasheet HTML 3Page - Stackpole Electronics, Inc. RPC Datasheet HTML 4Page - Stackpole Electronics, Inc. RPC Datasheet HTML 5Page - Stackpole Electronics, Inc. RPC Datasheet HTML 6Page - Stackpole Electronics, Inc. RPC Datasheet HTML 7Page - Stackpole Electronics, Inc. RPC Datasheet HTML 8Page - Stackpole Electronics, Inc. RPC Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev Date: 5/24/2022
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPC Series
Pulse Withstanding Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Performance Characteristics
Item
Test Method
Test Specification
Test Condition
JIS-C-5201-1 4.8
IEC-60115-1 4.8
Jumper: 2*Imax for 5 seconds
JIS-C-5201-1 4.6
IEC-60115-1 4.6
Endurance
JIS-C-5201-1 4.25
70ºC ± 2°C, RCWV for 1000 hours
Tolerances of 0.5%, 1%
IEC-60115-1 4.25.1
with 1.5 hours "ON" and 0.5 hour "OFF"
Endurance
JIS-C-5201-1 4.25
70ºC ± 2°C, RCWV for 1000 hours
Tolerances of 5%, 10%, 20%
IEC-60115-1 4.25.1
with 1.5 hours "ON" and 0.5 hour "OFF"
Damp Heat with Load
JIS-C-5201-1 4.24
40ºC ± 2°C, 90~95% R.H, RCWV for 1000 hour
Tolerances of 0.5%, 1%
IEC-60115-1 4.24
with 1.5 hours "ON" and 0.5 hour "OFF"
Damp Heat with Load
JIS-C-5201-1 4.24
Tolerances of 5%, 10%, 20%
IEC-60115-1 4.24
Damp Heat with Load
JIS-C-5201-1 4.24
Ultra High Power
IEC-60115-1 4.24
Dry Heat
JIS-C-5201-1 4.23
Tolerances of 0.5%, 1%
IEC-60115-1 2.23.2
Dry Heat
JIS-C-5201-1 4.23
Tolerances of 5%, 10%, 20%
IEC-60115-1 2.23.2
JIS-C-5201-1 4.33
Bending once for 5 seconds
IEC-60115-1 4.33
2010, 2512 sizes: 2mm; other sizes: 3mm
JIS-C-5201-1 4.17
IEC-60115-1 4.17
JIS-C-5201-1 4.18
IEC-60115-1 4.18
JIS-C-5201-1 4.18
IEC-60115-1 4.18
JIS-C-5201-1 4.7
IEC-60115-1 4.7
JIS-C-5201-1 4.18
IEC-60068-2-58-8.2.1
JIS-C-5201-1 4.18
IEC-60115-1 4.18
JIS-C-5201-1 4.18
IEC-60115-1 4.18
Operating temperature range is - 55°C + 155°C
At +155°C for 1000 hours
245ºC ± 5°C for 3 seconds
260ºC ± 5°C for 10 seconds
-55°C to + 150°C , 5 cycles
RCWV * 2.5 or max. overload voltage
whichever is lower for 5 seconds
Storage Temperature: 15 ~ 28ºC; humidity < 80% R.H.
± (3% + 0.05Ω)
± (0.5% + 0.05Ω)
Bending Strength
± (1% + 0.05Ω)
95% min. coverage
Resistance to Soldering Heat
tolerances of 5%, 10%, 20%
± (1% + 0.05Ω)
Rapid Change of Temperature
tolerances of 0.5%, 1%
± (0.5% + 0.05Ω)
± (1% + 0.05Ω)
RCWV (Rated Continuous Working Voltage)=
or Max. Working Voltage whichever is lower.
At +155°C for 1000 hours
At 25°C / -55°C and 25°C / + 125°C, 25°C
is the reference temperature
≥ 10G
Max. overload voltage for 1 minute
40ºC ± 2°C, 90~95% R.H, RCWV for 1000 hours
with 1.5 hours "ON" and 0.5 hour "OFF"
Insulation Resistance
± (1% + 0.05Ω)
± (3% + 0.05Ω)
± (0.5% + 0.05Ω)
-55°C to + 150°C , 5 cycles
260ºC ± 5°C for 10 seconds
Voltage Proof
No Breakdown or flashover
1.42 times max. operating voltage for 1 minute
Individual leaching area ≤ 5%
Total leaching area ≤ 10%
Leaching
260ºC ± 5°C for 30 seconds
Temperature Coefficient of
Resistance (T.C.R.)
Within the specified tolerance
Rapid Change of Temperature
tolerances of 5%, 10%, 20%
± (1% + 0.05Ω)
Solderability
Resistance to Soldering Heat
tolerances of 0.5%, 1%
± (0.5% + 0.05Ω)
Short Time Overload
± (1% + 0.05Ω)
± (3% + 0.05Ω)
√ P*R
JIS-C-5201-1 4.13
IEC-60115-1 4.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com