Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # RPC
Description  Pulse Withstanding Thick Film Chip Resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPC Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  RPC Datasheet HTML 1Page - Stackpole Electronics, Inc. RPC Datasheet HTML 2Page - Stackpole Electronics, Inc. RPC Datasheet HTML 3Page - Stackpole Electronics, Inc. RPC Datasheet HTML 4Page - Stackpole Electronics, Inc. RPC Datasheet HTML 5Page - Stackpole Electronics, Inc. RPC Datasheet HTML 6Page - Stackpole Electronics, Inc. RPC Datasheet HTML 7Page - Stackpole Electronics, Inc. RPC Datasheet HTML 8Page - Stackpole Electronics, Inc. RPC Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev Date: 5/24/2022
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPC Series
Pulse Withstanding Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Soldering Condition:
Reel Specifications
7.028 ± 0.059
2.362 +0.039 / -0
0.512 ± 0.008
0.354 ± 0.020
0.492 ± 0.020
inches
178.50 ± 1.50
60 +1 / -0
13.00 ± 0.20
9.00 ± 0.50
12.50 ± 0.50
mm
7.028 ± 0.059
2.362 +0.039 / -0
0.512 ± 0.008
0.354 ± 0.020
0.492 ± 0.020
inches
178.50 ± 1.50
60 +1 / -0
13.00 ± 0.20
9.00 ± 0.50
12.50 ± 0.50
mm
7.028 ± 0.059
2.362 +0.039 / -0
0.512 ± 0.008
0.354 ± 0.020
0.492 ± 0.020
inches
178.50 ± 1.50
60 +1 / -0
13.00 ± 0.20
9.00 ± 0.50
12.50 ± 0.50
mm
7.028 ± 0.059
2.362 +0.039 / -0
0.512 ± 0.008
0.354 ± 0.020
0.492 ± 0.020
inches
178.50 ± 1.50
60 +1 / -0
13.00 ± 0.20
9.00 ± 0.50
12.50 ± 0.50
mm
7.028 ± 0.059
2.362 +0.039 / -0
0.512 ± 0.008
0.354 ± 0.020
0.492 ± 0.020
inches
178.50 ± 1.50
60 +1 / -0
13.00 ± 0.20
9.00 ± 0.50
12.50 ± 0.50
mm
7.028 ± 0.059
2.362 +0.039 / -0
0.512 ± 0.020
0.512 ± 0.020
0.610 ± 0.020
inches
178.50 ± 1.50
60 +1 / -0
13.00 ± 0.50
13.00 ± 0.50
15.50 ± 0.50
mm
7.028 ± 0.059
2.362 +0.039 / -0
0.512 ± 0.020
0.512 ± 0.020
0.610 ± 0.020
inches
178.50 ± 1.50
60 +1 / -0
13.00 ± 0.50
13.00 ± 0.50
15.50 ± 0.50
mm
7 inches
A
B
C
RPC2512
Packaging
Paper
Embossed
Tape Width
8 mm
Unit
W
T
Type/Code
Reel Diameter
12 mm
RPC0402
RPC0603
RPC0805
RPC1206
RPC1210
RPC2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com