Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # RPC
Description  Pulse Withstanding Thick Film Chip Resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPC Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  RPC Datasheet HTML 1Page - Stackpole Electronics, Inc. RPC Datasheet HTML 2Page - Stackpole Electronics, Inc. RPC Datasheet HTML 3Page - Stackpole Electronics, Inc. RPC Datasheet HTML 4Page - Stackpole Electronics, Inc. RPC Datasheet HTML 5Page - Stackpole Electronics, Inc. RPC Datasheet HTML 6Page - Stackpole Electronics, Inc. RPC Datasheet HTML 7Page - Stackpole Electronics, Inc. RPC Datasheet HTML 8Page - Stackpole Electronics, Inc. RPC Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev Date: 5/24/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPC Series
Pulse Withstanding Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications
– High Power (HP)
Features:
•
Excellent pulse withstanding performance
•
Broad resistance range
•
Higher anti-surge performance compared with RMCF Series
•
Standard power RPC, 5% and wider tolerances, are untrimmed
•
1% and wider tolerances are qualified to AEC-Q200
•
RoHS compliant and halogen free
•
REACH compliant
•
Lower values may be available
– contact Stackpole
Electrical Specifications
0.5%
1%
5%, 10%, 20%
±300
-
±100
100 - 1M
20.5 - 1M
22 - 1M
±200
10 - 294
1 - 294
10 - 270
±100
±200
10 - 294
1 - 294
1 - 270
±100
±200
10 - 20
±100
22 - 20M
±200
10 - 20
±100
22 - 20M
±200
10 - 20
±100
22 - 20M
±200
10 - 20
±100
22 - 20M
Type/Code
Power Rating (W)
@ 70ºC
Maximum
Working
Voltage (V)
400
RPC1206
50
RPC2512
0.2
0.25
0.33
0.5
0.75
1.5
RPC0402
RPC0805
RPC1210
RPC2010
RPC0603
0.1
20.5 - 20M
1 - 20
500
50
150
200
200
1 - 20
1 - 20
1 - 20
20.5 - 20M
20.5 - 20M
20.5 - 20M
Working Voltage =
or Max. Working Voltage listed above, whichever is lower.
Overload Voltage = 2.5*
or Max. Overload Voltage listed above, whichever is lower.
Ohmic Range (Ω) and Tolerance
300 - 1M
1 - 20
1000
TCR (ppm/ºC)
Maximum
Overload
Voltage (V)
100
300
400
400
800
100
300 - 20M
√ P*R
√ P*R
0.5%
1%
5%
±200
10 - 294
1 - 294
10 - 270
±100
±200
10 - 294
1 - 294
1 - 270
±100
±200
10 - 20
±100
22 - 1M
±200
10 - 20
±100
22 - 1M
±200
10 - 20
±100
22 - 1M
±350
10
±100
(*) Double-sided printed resistor element.
20.5 - 1M
20.5 - 1M
1 - 20
300 - 1M
RPC1210_-HP
0.75
200
400
1 - 20
20.5 - 1M
RPC0805_-HP
0.4
150
300
1 - 20
RPC2010_-HP
1
400
800
RPC1206_-HP
0.5
200
400
RPC0603_-HP
0.25
75
150
300 - 1M
Type/Code
Power Rating (W)
@ 70ºC
Maximum
Working
Voltage (V)
Maximum
Overload
Voltage (V)
TCR (ppm/ºC)
Ohmic Range (Ω) and Tolerance
Working Voltage =
or Max. Working Voltage listed above, whichever is lower.
Overload Voltage = 2.5*
or Max. Overload Voltage listed above, whichever is lower.
RPC2512_-HP
(*)
2
500
1000
1 - 10
10.5 - 200K
√ P*R
√ P*R


Similar Part No. - RPC

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
RPC CRYDOM-RPC Datasheet
701Kb / 4P
Proportional controller
logo
Dubilier
RPC DUBILIER-RPC Datasheet
266Kb / 3P
SURFACE MOUNT CHIP RESISTOR
logo
Greystone Energy System...
RPC GREYSTONE-RPC Datasheet
179Kb / 2P
ROOM PRESSURE MONITOR
RPC GREYSTONE-RPC Datasheet
179Kb / 2P
ROOM PRESSURE MONITOR
logo
IDEM Safety Switches
RPC IDEM-SAFETY-RPC Datasheet
1Mb / 2P
Non Contact Coded Safety Switches Operating Instructions
Feb 2020
More results

Similar Description - RPC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
CPR MERITEK-CPR Datasheet
613Kb / 9P
Pulse Withstanding Thick Film Chip Resistor
logo
Riedon Powertron
PCR0603 RIEDON-PCR0603 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-10KJ1 RIEDON-PCR1206-10KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR0805-1RJ1 RIEDON-PCR0805-1RJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR0805-47KJ1 RIEDON-PCR0805-47KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR0805-470RJ1 RIEDON-PCR0805-470RJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
Pulse Withstanding Chip Resistor
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com