Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPC Datasheet(PDF) 11 Page - Stackpole Electronics, Inc.

Part # RPC
Description  Pulse Withstanding Thick Film Chip Resistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

RPC Datasheet(HTML) 11 Page - Stackpole Electronics, Inc.

Back Button RPC Datasheet HTML 4Page - Stackpole Electronics, Inc. RPC Datasheet HTML 5Page - Stackpole Electronics, Inc. RPC Datasheet HTML 6Page - Stackpole Electronics, Inc. RPC Datasheet HTML 7Page - Stackpole Electronics, Inc. RPC Datasheet HTML 8Page - Stackpole Electronics, Inc. RPC Datasheet HTML 9Page - Stackpole Electronics, Inc. RPC Datasheet HTML 10Page - Stackpole Electronics, Inc. RPC Datasheet HTML 11Page - Stackpole Electronics, Inc. RPC Datasheet HTML 12Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Rev Date: 5/24/2022
11
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RPC Series
Pulse Withstanding Thick Film Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Pulse Voltage (100 ohms)
RPC (Standard Power) tolerances of 0.5% and 1%
RPC-HP (High Power) all tolerances
RPC-UP (Ultra High Power) all tolerances
Pulse Voltage (100 ohms)
RPC (Standard Power)
Tolerances of 5%, 10% and 20%
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com