Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3567CFSG Datasheet(PDF) 35 Page - Toshiba Semiconductor

Part # TC3567CFSG
Description  TC3567CFSG-002 Bluetooth® low energy IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC3567CFSG Datasheet(HTML) 35 Page - Toshiba Semiconductor

Back Button TC3567CFSG Datasheet HTML 31Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 32Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 33Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 34Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 35Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 36Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 37Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 38Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 39Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
TC3567CFSG-002
2018-04-06
35
5.2. Operating Conditions
TC3567C can operate normally with proven quality under the operating ranges. Any diversion from the operating ranges may
cause false operation. Thus, please make sure application design to comply these operating ranges.
Table 5-2 Operating conditions (VSSA = VSSRFIO = VSSDC = VSSD = VSSX = 0 V)
Items
Symbols
Ratings
Units
Min
Typ.
Max
Power
supply
VBAT Operating
Voltage1 (Note1)
VBATopr1
1.79
3.00
3.60
V
VBAT Operating
Voltage2 (Note2)
VBATopr2
1.90
3.00
3.60
V
VDDIO Operating
Voltage
(Note3)
VDDIOopr
1.80
3.00
3.60
V
VDDIOFQ
Output Voltage
(Note3)
VDDIOFQ
—
1.7
—
V
VDDCORE
Voltage
(Note3)
VDDCORE1/
VDDCORE2
—
1.2
—
V
RF frequency
Fc
2400
—
2483.5
MHz
Clock frequencies
Reference clock Fck
25.99870
26.00000
26.00130
MHz
Sleep clock fslclk
32.751616 32.768000 32.784384
kHz
Ambient temp.
Ta
-40
+25
+85
°C
Note1: The internal CPU powers on when the operating voltage rises to the minimum value of the VBAT operating voltage 1.
However, please pay attention that the minimum voltage of the VBAT operating voltage 2 is required for the reading and
writing operation of the flash ROM as indicated in the Note 2.
Note2: For reading and writing operation to the flash ROM in the digital block, the power in the range of VBAT operating voltage 2
should be supplied. In the booting process, please release RESET after the voltage rises to the minimum value (1.9 V)
because of accessing to the flash ROM to confirm the existence of applications. Moreover, in case of operating in the
User-App mode or driving till the under voltage detection turns off the operation, please pay attention to the relation between
R/W operation to the flash ROM and the voltage.
Note3: Please refer to other documents (application note) for our connection examples.
Please do not input external power supply and do connect external capacitors to VDDIOFQ because they are supplied by
the internal LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com