Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3567CFSG Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TC3567CFSG
Description  TC3567CFSG-002 Bluetooth® low energy IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC3567CFSG Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TC3567CFSG Datasheet HTML 35Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 36Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 37Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 38Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 39Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 40Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 41Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 42Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
TC3567CFSG-002
2018-04-06
39
5.6. RF Characteristics (Design value)
The following conditions are applicable unless otherwise specified.
Ta = 25°C
VBAT = 3.0 V
fx’tal = 26 MHz (Frequency accuracy is adjusted to ±2 ppm at normal temperature)
PAOUT= 0 dBm
Table 5-8, Table 5-9 shows RF receiving characteristics and RF transmitting characteristics based on Bluetooth®Core Spec. V4.2
low energy.
About some the characteristics data here are design values.
Table 5-8 RF Characteristic
Test Item
Packet
bit
ch.
Condition
Spec.
Unit
Min
Typ.
Max
Output Power
255
octets
PRBS9
0,12,
19,39
peak
—
—
Pavg+
3 dB
dBm
average
—
0
—
In-band Emissions
255
octets
PRBS9
0,12,
19,39
-5
MHz
—
-60
-30
dBm
-4
MHz
—
-55
-30
-3
MHz
—
-53
-30
-2
MHz
—
-48
-20
2
MHz
—
-50
-20
3
MHz
—
-53
-30
4
MHz
—
-56
-30
5
MHz
—
-60
-30
Modulation
Characteristics
255
octets
11110000
0,12,
19,39
Δf1avg (11110000)
225
249.3
275
kHz
10101010
Δf2max (99.9 %)
99.9
100
—
%
—
Δf2avg /Δf1avg
0.8
0.90
—
Ratio
Carrier frequency
offset (CFO)
255
octets
10101010
0,12,
19,39
average
—
4.4
—
kHz
worst
-150
—
150
Carrier frequency
drift
255
octets
10101010
Absolute maximum
—
4.9
50
kHz
Carrier frequency
drift Rate
255
octets
10101010
Absolute maximum
—
4.9
20
kHz/50 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com