Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3567CFSG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC3567CFSG
Description  TC3567CFSG-002 Bluetooth® low energy IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC3567CFSG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC3567CFSG Datasheet HTML 9Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 10Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 11Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 12Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 13Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 14Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 15Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 16Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
TC3567CFSG-002
2018-04-06
13
3.
System Configuration
3.1. Block Diagram
Figure 3-1 shows block diagram of TC3567C.
TC3567C is powered by single voltage between 1.9 V and 3.6 V.
The chip has built-in DCDC and LDO requiring external capacitors. It uses 26 MHz reference clock and 32.768 kHz sleep clock.
External memory interface is SPI or I2C, and host CPU interface is UART.
Figure 3-1 Example of TC3567C system configuration
RF Block
26MHz
X’tal
ClockGen/
Clock
Management
RF PLL
Power 
Management
Controller
VBAT
1.9 to
3.6V
Baseband
Block
UART
2ch
HOST
I/F
SPI/
I2C
PWM
4ch
GPIO
ADC
6ch
Modem
ARM®
 
Cortex®-M0
Mask
ROM
RAM
(BackUp)
Selector
Ref
VBAT
32kHz
X’tal
DCDC
LDO
Level
Detector
Flash
ROM
VDDCORE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com