Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC3567CFSG Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TC3567CFSG
Description  TC3567CFSG-002 Bluetooth® low energy IC
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC3567CFSG Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TC3567CFSG Datasheet HTML 17Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 18Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 19Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 20Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 21Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 22Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 23Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 24Page - Toshiba Semiconductor TC3567CFSG Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
TC3567CFSG-002
2018-04-06
21
4.3.5.
Baud rate
UART baud rate of TC3567C is generated from 26 MHz clock. It is calculated from the number of oversampling and the division
ratio as follows; The oversampling number can be set between 12 and 17. The division ratio can be set between 1 and 65535.
Table 4-2 shows the actual baud rate values that can be set for the TC3567C. The TC3567C can receive data with an error of up to
±2% of the actual baud rate. Set the baud rate of the host CPU within this range.
Table 4-2 Typical UART baud rate configuration
Ideal baud rate
[bps]
Actual baud rate
[bps]
Oversampling
number
Division ratio
9600
9587.021
12
226
14400
14396.46
14
129
19200
19174.04
12
113
28800
28856.83
17
53
38400
38461.54
13
52
57600
57777.78
15
30
76800
76923.08
13
26
115200
115555.6
15
15
153600
153846.15
13
13
230400
232142.9
16
7
307200
305882.4
17
5
460800
464285.7
14
4
921600
928571.4
14
2
4.3.6.
TX message spacing function
TC3567C spaces more than 12 time frames between different TX messages making less than 12 time frames between TX frames
in a TX message when several TX frames belong to one TX message. Host CPU is able to know the boundaries between TX
messages by measuring time frames between TX frames.
Figure 4-8 TX frames and TX messages
UART TX data
UART TX massage
UART TX message
< 12 time frames
< 12 time frames
< 12 time frames
> 12 time frames
1 time frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com