| Electronic Components Datasheet Search |
|
TC35680FSG Datasheet(PDF) 5 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35680FSG Datasheet(HTML) 5 Page - Toshiba Semiconductor |
|
5 / 91 page ![]() TC35680FSG-002/TC35681FSG-002 5 2019-04-04 Preface Related Documents TC35680/TC35681 Hardware Application Note TC35680/TC35681-002 Software Development Startup Guide TC35680/TC35681 Register description TC35680/TC35681-002 Command Document TC35680/TC35681-002 Programming Guide TC35680/TC35681-002 Known Issues Bluetooth® Core Specification Technical Terms and Abbreviations The following technical terms and abbreviations are used in this document . Terms or Abbreviations Description Active mode Normal operating mode. The packet transmission and reception procedure of the Bluetooth® connection and the other internal CPU activities are executed in this mode. Refer to Section 3.6. Sleep mode One of the low power modes. The reference clock stops to save power. The Bluetooth® connection is kept in this mode. Refer to Section 3.6. Backup mode One of the low power modes. This mode consumes same or less power than the Sleep mode. The power supply of the CPU stops as well as the reference clock. Refer to Section 3.6. Complete mode One of the operating modes. A host operates this device using TCU commands (Control API in the GATT/SM layer). Refer to Section 3.4. Deep Sleep mode One of the low power modes. This mode saves more power than the Backup mode. The Sleep clock stops as well as the power supply of the CPU and the reference clock. Refer to Section 3.6. HCI mode One of the operating modes. A host operates this device using HCI commands. Refer to Section 3.4. PMU Power Management Unit. Integrated PMU controls the power save procedure of this device. In order to save power, it switches the built-in DC/DC converter and the LDO regulator properly, and also controls the output voltage at the same time. Refer to Section 3.1 and Section 3.6. User-App mode One of the operating modes. A user application is executed by the built-in CPU in this device. Refer to Section 3.4. Auto-Advertising function Advertising packets are transmitted without software control in the Backup mode. This function enables the packet transmission even in the low power mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |