| Electronic Components Datasheet Search |
|
TC35680FSG Datasheet(PDF) 28 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC35680FSG Datasheet(HTML) 28 Page - Toshiba Semiconductor |
|
28 / 91 page ![]() TC35680FSG-002/TC35681FSG-002 28 2019-04-04 3.6. Low Power System TC35680/TC35681 support the following three low power modes to save power consumption. Sleep Backup Deep Sleep The power consumption decreases in the order of the Sleep, the Backup, and the Deep Sleep modes. The lowest power consumption is realized in the Deep Sleep mode. The low power consumption function are independent of the operation mode (the HCI mode, the Complete mode or the User-App mode). State Transition Figure 3-6 shows the state transition diagram of TC35680/TC35681. There are three main states. Active mode Reset Low power mode The Active mode is a normal operating state. The Reset is the state when a hardware reset is asserted. The Low power mode is either the Sleep, the Backup or the Deep Sleep state. In this document, the transition from the Low power mode to the Active mode is defined as “Wake-up”. And the transition from the Active mode to the Low power mode is defined as “Sleeping”. The transition from the Active mode to the Low power mode can be done by Sleeping. The direct transition among the low power states is not possible. Figure 3-6 State transition diagram Sleep State Backup State Deep Sleep State Reset Low power mode Wake-up Boot Reset Reset Active mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |