Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR626 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI3WVR626
Description  2:1 MIPI 2-Data Lane Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR626 Datasheet(HTML) 4 Page - Diodes Incorporated

  PI3WVR626 Datasheet HTML 1Page - Diodes Incorporated PI3WVR626 Datasheet HTML 2Page - Diodes Incorporated PI3WVR626 Datasheet HTML 3Page - Diodes Incorporated PI3WVR626 Datasheet HTML 4Page - Diodes Incorporated PI3WVR626 Datasheet HTML 5Page - Diodes Incorporated PI3WVR626 Datasheet HTML 6Page - Diodes Incorporated PI3WVR626 Datasheet HTML 7Page - Diodes Incorporated PI3WVR626 Datasheet HTML 8Page - Diodes Incorporated PI3WVR626 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
A product Line of
Diodes Incorporated
PI3WVR626
www.diodes.com
March 2020
Diodes Incorporated
PI3WVR626
Document Number DS42006 Rev 3-2
Pin Description
Pin#
Pin Name Signal Type Description
18
VDD
Power
1.5V to 3.3V power supply
9, 21, 24 GND
Ground
Ground
5
OE
I
Output enable. if OE is low, IC is enabled. if OE is high, IC is power down and all I/Os
are Hi-Z
13
SEL
I
Switch logic control
14
D2B-
I/O
Negative differential signal 2 for port B
16
D2B+
I/O
Positive differential signal 2 for port B
15
D2A-
I/O
Negative differential signal 2 for port A
17
D2A+
I/O
Positive differential signal 2 for port A
12
D2-
I/O
Negative differential signal 2 for COM port
11
D2+
I/O
Positive differential signal 2 for COM port
19
D1B-
I/O
Negative differential signal 1 for port B
22
D1B+
I/O
Positive differential signal 1 for port B
20
D1A-
I/O
Negative differential signal 1 for port A
23
D1A+
I/O
Positive differential signal 1 for port A
10
D1-
I/O
Negative differential signal 1 for COM port
8
D1+
I/O
Positive differential signal 1 for COM port
1
CLKB-
I/O
Clock negative differential signal for port B
3
CLKB+
I/O
Clock positive differential signal for port B
2
CLKA-
I/O
Clock negative differential signal for port A
4
CLKA+
I/O
Clock positive differential signal for port A
7
CLK-
I/O
Clock negative differential signal for COM port
6
CLK+
I/O
Clock positive differential signal for COM port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com