Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR626 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3WVR626
Description  2:1 MIPI 2-Data Lane Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR626 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3WVR626 Datasheet HTML 1Page - Diodes Incorporated PI3WVR626 Datasheet HTML 2Page - Diodes Incorporated PI3WVR626 Datasheet HTML 3Page - Diodes Incorporated PI3WVR626 Datasheet HTML 4Page - Diodes Incorporated PI3WVR626 Datasheet HTML 5Page - Diodes Incorporated PI3WVR626 Datasheet HTML 6Page - Diodes Incorporated PI3WVR626 Datasheet HTML 7Page - Diodes Incorporated PI3WVR626 Datasheet HTML 8Page - Diodes Incorporated PI3WVR626 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
www.diodes.com
March 2020
Diodes Incorporated
PI3WVR626
Document Number DS42006 Rev 3-2
Features
Î
Î
3-lane, 2:1 switches that support D-PHY and C-PHY
Î
Î
Data rate support: up to 2.5Gsps C-PHY, up to 3Gb/s D-PHY.
Î
Î
Bandwidth: 4.5 GHz Typical
Î
Î
Low Crosstalk: -35 dB@1.25 GHz
Î
Î
Input Signals 0 to 1.3V
Î
Î
RON: 5.0Ω Typical LP & HS MIPI
Î
Î
∆RON: 0.2Ω Typical LP & HS MIPI
Î
Î
RON_FLAT: 0.1Ω Typical LP & HS MIPI
Î
Î
ICC: 11μA Typical
Î
Î
Skew of Opposite Transitions of the Same Output: 5ps Typical
Î
Î
VDD Operating Range: 1.5V to 3.6V
Î
Î
ESD Tolerance: 2kV HBM
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen and Antimony Free. “Green” Device (Note 3)
Î
Î
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Î
Î
Packaging (Pb-free & Green):
− 24-Pin, X1QFN (2.5mm x 2.5mm) (XEB)
Description
Diodes' PI3WVR626 is a two-data-lane MIPI switch. This 6
channel single-pole, double-throw (SPDT) switch is optimized
for switching between two high-speed (HS) or low-power (LP)
MIPI signal. The PI3WVR626 is designed for the MIPI specifica-
tion and allows connection to CSI/DSI, C-PHY/D-PHY module.
Applications
Î
Î
Cellular Phones, Smart Phone
Î
Î
Tablets
Î
Î
Laptops
Î
Î
Displays
2:1 MIPI 2-Data Lane Switch
A product Line of
Diodes Incorporated
PI3WVR626
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
b
P
Lead-free Green


Similar Part No. - PI3WVR626

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
logo
Pericom Semiconductor C...
PI3WVR12412ZHE PERICOM-PI3WVR12412ZHE Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Diodes Incorporated
PI3WVR12412ZHEX DIODES-PI3WVR12412ZHEX Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
logo
Pericom Semiconductor C...
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
More results

Similar Description - PI3WVR626

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA641 FAIRCHILD-FSA641 Datasheet
1Mb / 3P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
FSA644UCX FAIRCHILD-FSA644UCX Datasheet
624Kb / 10P
FSA644 ??2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
logo
Texas Instruments
TS5MP645 TI1-TS5MP645 Datasheet
1Mb / 31P
4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
ON Semiconductor
FSA641 ONSEMI-FSA641 Datasheet
623Kb / 12P
2:1 MIPI Switch, Featuring 2-Data and 1-Data Lane Configuration
June 2014 Rev. 1.0.5
FSA644 ONSEMI-FSA644 Datasheet
1Mb / 11P
2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
FSA660 ONSEMI-FSA660 Datasheet
314Kb / 8P
2:1 MIPI C-PHY (5.7 Gbps) 1-Data Lane Switch
September 2016 Rev. 1.0
FSA634 ONSEMI-FSA634 Datasheet
986Kb / 8P
2:1 MIPI D-PHY (1.5Gbps) 4Data Lane Switch
September, 2019 ??Rev. 1
logo
Diodes Incorporated
PI3WVR2646 DIODES-PI3WVR2646 Datasheet
645Kb / 9P
2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com