Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR626 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # PI3WVR626
Description  2:1 MIPI 2-Data Lane Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR626 Datasheet(HTML) 5 Page - Diodes Incorporated

  PI3WVR626 Datasheet HTML 1Page - Diodes Incorporated PI3WVR626 Datasheet HTML 2Page - Diodes Incorporated PI3WVR626 Datasheet HTML 3Page - Diodes Incorporated PI3WVR626 Datasheet HTML 4Page - Diodes Incorporated PI3WVR626 Datasheet HTML 5Page - Diodes Incorporated PI3WVR626 Datasheet HTML 6Page - Diodes Incorporated PI3WVR626 Datasheet HTML 7Page - Diodes Incorporated PI3WVR626 Datasheet HTML 8Page - Diodes Incorporated PI3WVR626 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
A product Line of
Diodes Incorporated
PI3WVR626
www.diodes.com
March 2020
Diodes Incorporated
PI3WVR626
Document Number DS42006 Rev 3-2
VCC, Supply Voltage, ................................................................ -0.5V to 4.5V
VCNTRL, DC Input Voltage (OE, SEL)(1)..................................-0.5V to VCC
VSW, DC Switch I/O Voltage(1,2)............................................... -0.3V to 2.5V
IIK, DC Input Diodes Current ........................................................... -50mA
IOUT, DC Output Current .....................................................................25mA
TSTG, Storage Temperature ................................................ -65oC to +150oC
Tj, Junction Temerature.........................................................................125oC
ESD:
Human Body Model, JEDEC: JESD22-A114, All Pins.................... 2.0kV
Charged Device Model, JEDEC: JESD22-C101................................ 1.0kV
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
these or any other conditions above those indicated in the
operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
Absolute Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Note:
1. The input and output negative ratings may be exceeded if the input and output diode current ratings are observed.
2. VSW refers to analog data switch paths.
Recommended Operating Conditions
The Recommended operating Conditions table defines the conditions for actual device operation. Recommended operating
conditions are specified to ensure optimal performance to the datasheet specifications.
Symbol
Description
Test Conditions
Min.
Max.
Units
VCC
Supply Voltage
1.5
3.6
V
VCNTRL
Control Input Voltage (SEL, OE)(1)
0
VCC
V
VSW
Switch I/O Voltage (CLK-, D-, CLKA-, CLKB-, DA-, DB-)
- HS Mode
0
0.5
V
- LP Mode
0
1.3
V
TA
Operating Temperature
-40
+85
oC
Note:
1. The control inputs must be held HIGH or LOW; they must not float.
DC and Transient Characteristics
All typical values are at TA = 25ºC unless otherwise specified.
Symbol
Description
Test Conditions
VCC (V)
TA = -40oC to +85oC
Units
Min. Typ. Max.
VIK
Clamp Diode Voltage (OE, SEL)
IIN = -18mA
1.5
-1.2
-0.6
V
VIH
Input Voltage High
SEL, OE
1.5 to 3.3
-1.0
V
VIL
Input Voltage Low
SEL, OE
1.5 to 3.3
0.5
V
IIN
Control Input Leakage (OE, SEL)
VCNTRL = 0 to VCC
3.3
-1.0
1.0
μA
INO(OFF)
INC(OFF)
Off Leakage Current of Port CLKA-,
DA-, CLKB- and DB-
VSW = 0.0 ≤ DATA ≤ 1.3V
3.3
-1.0
1.0
μA
IA(ON)
On Leakage Current of Common
Ports (CLK-, D-)
VSW = 0.0 ≤ DATA ≤ 1.3V
3.3
-1.0
1.0
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com