Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR626 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PI3WVR626
Description  2:1 MIPI 2-Data Lane Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3WVR626 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PI3WVR626 Datasheet HTML 4Page - Diodes Incorporated PI3WVR626 Datasheet HTML 5Page - Diodes Incorporated PI3WVR626 Datasheet HTML 6Page - Diodes Incorporated PI3WVR626 Datasheet HTML 7Page - Diodes Incorporated PI3WVR626 Datasheet HTML 8Page - Diodes Incorporated PI3WVR626 Datasheet HTML 9Page - Diodes Incorporated PI3WVR626 Datasheet HTML 10Page - Diodes Incorporated PI3WVR626 Datasheet HTML 11Page - Diodes Incorporated PI3WVR626 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
A product Line of
Diodes Incorporated
PI3WVR626
www.diodes.com
March 2020
Diodes Incorporated
PI3WVR626
Document Number DS42006 Rev 3-2
Capacitance
Symbol
Description
Test Conditions
TA = -40oC to +85oC
Units
Min. Typ. Max.
CIN
Control Pin Input Capacitance(1) VCC = 0V, f = 1MHz
2.1
pF
CON
On Capacitance(1)
VCC = 3.3V, OE = 0V, f = 1250MHz (In HS
common value)
1.3
pF
COFF
Off Capacitance(1)
VCC or OE = 3.3V, f = 1250MHz (Both
sides in HS common value)
0.8
pF
Note:
1. Guaranteed by characterization.
High-Speed-Related AC Electrical Characteristics
Symbol
Description
Test Conditions
VCC (V)
TA = -40oC to +85oC
Units
Min. Typ. Max.
tSK(P)
D-PHY HS Mode Skew of Op-
posite Transitions of the Same
Output(1)
RL = 50Ω, CL = 0pF, VSW =
0.3V
1.5 to 3.6
4
8
ps
C-PHY HS Mode Skew of 3
channels in same lane
RL = 50Ω, CL = 0pF, VSW =
0.5V
1.5 to 3.6
4
D-PHY HS Mode Skew of all
group A or group B channels(1)
RL = 50Ω, CL = 0pF, VSW =
0.3V
1.5 to 3.6
6
10
Note:
1. Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com